Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP32C3 Datasheet(PDF) 34 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 34 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32C3 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
4
Electrical Characteristics
Table 21: TX EVM Test
Min
Typ
SL1
Rate
(dB)
(dB)
(dB)
802.11b, 1 Mbps, @21 dBm
—
–24.5
–10
802.11b, 11 Mbps, @21 dBm
—
–25.0
–10
802.11g, 6 Mbps, @21 dBm
—
–23.0
–5
802.11g, 54 Mbps, @19 dBm
—
–27.5
–25
802.11n, HT20, MSC0, @20 dBm
—
–22.5
–5
802.11n, HT20, MSC7, @18.5 dBm
—
–29.0
–27
802.11n, HT40, MSC0, @20 dBm
—
–22.5
–5
802.11n, HT40, MSC7, @18.5 dBm
—
–28.0
–27
1 SL stands for standard limit value.
4.8.2 Wi­Fi RF Receiver (RX) Specifications
Table 22: RX Sensitivity
Min
Typ
Max
Rate
(dBm)
(dBm)
(dBm)
802.11b, 1 Mbps
—
–98.4
—
802.11b, 2 Mbps
—
–96.0
—
802.11b, 5.5 Mbps
—
–93.0
—
802.11b, 11 Mbps
—
–88.6
—
802.11g, 6 Mbps
—
–93.8
—
802.11g, 9 Mbps
—
–92.2
—
802.11g, 12 Mbps
—
–91.0
—
802.11g, 18 Mbps
—
–88.4
—
802.11g, 24 Mbps
—
–85.8
—
802.11g, 36 Mbps
—
–82.0
—
802.11g, 48 Mbps
—
–78.0
—
802.11g, 54 Mbps
—
–76.6
—
802.11n, HT20, MCS0
—
–93.6
—
802.11n, HT20, MCS1
—
–90.8
—
802.11n, HT20, MCS2
—
–88.4
—
802.11n, HT20, MCS3
—
–85.0
—
802.11n, HT20, MCS4
—
–81.8
—
802.11n, HT20, MCS5
—
–77.8
—
802.11n, HT20, MCS6
—
–76.0
—
802.11n, HT20, MCS7
—
–74.8
—
802.11n, HT40, MCS0
—
–90.0
—
802.11n, HT40, MCS1
—
–88.0
—
802.11n, HT40, MCS2
—
–85.2
—
802.11n, HT40, MCS3
—
–82.0
—
802.11n, HT40, MCS4
—
–78.8
—
Cont’d on next page
Espressif Systems
34
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com