Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP32C3 Datasheet(PDF) 6 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 6 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32C3 Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Contents
3.5.4 Wi-Fi Radio and Baseband
24
3.5.5 Wi-Fi MAC
24
3.5.6 Networking Features
25
3.6
Bluetooth LE
25
3.6.1 Bluetooth LE Radio and PHY
25
3.6.2 Bluetooth LE Link Layer Controller
25
3.7
Low Power Management
26
3.8
Timers
26
3.8.1 General Purpose Timers
26
3.8.2 System Timer
26
3.8.3 Watchdog Timers
26
3.9
Cryptographic Hardware Accelerators
27
3.10 Physical Security Features
27
3.11 Peripheral Pin Configurations
27
4 Electrical Characteristics
30
4.1
Absolute Maximum Ratings
30
4.2
Recommended Operating Conditions
30
4.3
VDD_SPI Output Characteristics
30
4.4
DC Characteristics (3.3 V, 25 °C)
31
4.5
ADC Characteristics
31
4.6
Current Consumption
32
4.7
Reliability
32
4.8
Wi-Fi Radio
33
4.8.1 Wi-Fi RF Transmitter (TX) Specifications
33
4.8.2 Wi-Fi RF Receiver (RX) Specifications
34
4.9
Bluetooth LE Radio
35
4.9.1 Bluetooth LE RF Transmitter (TX) Specifications
36
4.9.2 Bluetooth LE RF Receiver (RX) Specifications
37
5 Package Information
40
6 Related Documentation and Resources
41
Revision History
42
Espressif Systems
6
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com