Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5AN8G8NAFR-RDC Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # H5AN8G8NAFR-RDC
Description  8Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN8G8NAFR-RDC Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button H5AN8G8NAFR-RDC Datasheet HTML 4Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 5Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 6Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 7Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 8Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 9Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 10Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 11Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Rev. 1.2 / Jul.2017
8
Pin Functional Description
Symbol
Type
Function
CK_t, CK_c
Input
Clock: CK_t and CK_c are differential clock inputs. All address and control input signals
are sampled on the crossing of the positive edge of CK_t and negative edge of CK_c.
CKE, (CKE1)
Input
Clock Enable: CKE HIGH activates, and CKE Low deactivates, internal clock signals and
device input buffers and output drivers. Taking CKE Low provides Precharge Power-
Down and Self-Refresh operation (all banks idle), or Active Power-Down (row Active in
any bank). CKE is asynchronous for Self-Refresh exit. After VREFCA and VREFDQ have
become stable during the power on and initialization sequence, they must be maintained
during all operations (including Self-Refresh). CKE must be maintained high throughout
read and write accesses. Input buffers, excluding CK, CK_c, ODT and CKE, are disabled
during power-down. Input buffers, excluding CKE, are disabled during Self-Refresh.
CS_n, (CS1_n)
Input
Chip Select: All commands are masked when CS_n is registered HIGH. CS_n provides for
external Rank selection on systems with multiple Ranks. CS_n is considered part of the
command code.
C0,C1,C2
Input
Chip ID: Chip ID is only used for 3DS for 2,4,8high stack via TSV to select each slice of
stacked compnent. Chip ID is considered part of the command code.
ODT, (ODT1)
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal to
the DDR4 SDRAM. When enabled, ODT is only applied to each DQ, DQS_t, DQS_c and
DM_n/DBI_n/TDQS_t,NU/TDQS_c (When TDQS is enabled via Mode Register A11=1 in
MR1) signal for x8 configurations. For x16 configuration ODT is applied to each DQ,
DQSU_c, DQSU_t, DQSL_t, DQSL_c, DMU_n, and DML_n signal. The ODT pin will be
ignored if MR1 is programmed to disable RTT_NOM.
ACT_n
Input
Activation Command Input: ACT_n defines the Activation command being entered along
with CS_n. The input into RAS_n/A16, CAS_n/A15 and WE_n/A14 will be considered as
Row Address A16, A15 and A14.
RAS_n/A16,
CAS_n/A15,
WE_n/A14
Input
Command Inputs RAS_n/A16, CAS_n/A15 and WE_n/A14 (along with CS_n) define the
command being entered. Those pins have multi function. For example, for activation
with ACT_n Low, those are Addressing like A16,A15 and A14 but for non-activation com-
mand with ACT_n High, those are Command pins for Read, Write and other command
defined in command truth table.
DM_n/DBI_n/
TDQS_t,
(DMU_n/DBI-
U_n), (DML_n/
DBIL_n)
Input/
Output
Input Data Mask and Data Bus Inversion: DM_n is an input mask signal for write data.
Input data is masked when DM_n is sampled LOW coincident with that input data during
a Write access. DM_n is sampled on both edges of DQS. DM is muxed with DBI function
by Mode Register A10,A11,A12 setting in MR5. For x8 device, the function of DM or
TDQS is enabled by Mode Register A11 setting in MR1. DBI_n is an input/output identif-
ing wherther to store/output the true or inverted data. If DBI_n is LOW, the data will be
stored/output after inversion inside the DDR4 SDRAM and not inverted if DBI_n is HIGH.
TDQS is only supported in x8.
BG0 - BG1
Input
Bank Group Inputs: BG0 - BG1 define to which bank group an Active, Read, Write or Pre-
charge command is being applied. BG0 also detemines which mode register is to be
accessed during a MRS cycle. x4/8 have BG0 and BG1 but x16 has only BG0.
BA0 - BA1
Input
Bank Address Inputs: BA0 - BA1 define to which bank an Active, Read, Write or Pre-
charge command is being applied. Bank address also determines if the mode register or
extended mode register is to be accessed during a MRS cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com