Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5AN8G8NAFR-RDC Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # H5AN8G8NAFR-RDC
Description  8Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN8G8NAFR-RDC Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button H5AN8G8NAFR-RDC Datasheet HTML 5Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 6Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 7Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 8Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 9Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 10Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 11Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 12Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Rev. 1.2 / Jul.2017
9
A0 - A17
Input
Address Inputs: Provied the row address for ACTIVATE Commands and the column
address for Read/Write commands th select one location out of the memory array in the
respective bank. (A10/AP, A12/BC_n, RAS_n/A16, CAS_n/A15 and WE_n/A14 have addi-
tional functions, see other rows. The address inputs also provide the op-code during
Mode Register Set commands. A17 is only defined for the x4 configration.
A10 / AP
Input
Auto-precharge: A10 is sampled during Read/Write commands to determine whether
Autoprecharge should be performed to the accessed bank after the Read/Write opera-
tion. (HIGH: Autoprecharge; LOW: no Autoprecharge).A10 is sampled during a Pre-
charge command to determine whether the Precharge applies to one bank (A10 LOW) or
all banks (A10 HIGH). If only one bank is to be precharged, the bank is selected by bank
addresses.
A12 / BC_n
Input
Burst Chop: A12 / BC_n is sampled during Read and Write commands to determine if
burst chop (on-the-fly) will be performed. (HIGH, no burst chop; LOW: burst chopped).
See command truth table for details.
RESET_n
Input
Active Low Asynchronous Reset: Reset is active whenRESET_n is LOW, and inactive
when RESET_n is HIGH. RESET_n must be HIGH during normal operation. RESET_n is a
CMOS rail to rail signal with DC high and low at 80% and 20% of VDD.
DQ
Input /
Output
Data Input/ Output: Bi-directional data bus. If CRC is enabled via Mode register then
CRC code is added at the end of Data Burst. Any DQ from DQ0~DQ3 may indicate the
internal Vref level during test via Mode Register Setting MR4 A4=High. During this
mode, RTT value should be set to Hi-Z. Refer to vendor specific datasheets to determine
which DQ is used.
DQS_t, DQS_c,
DQSU_t, DQSU_c,
DQSL_t, DQSL_c
Input /
Output
Data Strobe: output with read data, input with write data. Edge-aligned with read data,
centered in write data. For x16, DQSL corresponds to the data on DQL0-DQL7; DQSU
corresponds to the data on DQU0-DQU7. The data strobe DQS_t, DQSL_t, and DQSU_t
are paired with differential signals DQS_c, DQSL_c, and DQSU_c, respectively, to provide
differential pair signaling to the system during reads and writes. DDR4 SDRAM supports
differential data strobe only and does not support single-ended.
TDQS_t, TDQS_c Output
Termination Data Strobe: TDQS_t/TDQS_c is applicable for x8 DRAMs only. When
enabled via Mode Register A11 = 1 in MR1, the DRAM will enable the same termination
resistance function on TDQS_t/TDQS_c that is applied to DQS_t/DQS_c. When disabled
via mode register A11 = 0 in MR1, DM/DBI/TDQS will provide the data mask function or
Data Bus Inversion depending on MR5; A11, 12, 10 and TDQS_c is not used. x4/x16
DRAMs must disable the TDQS function via mode register A11 = 0 in MR1.
PAR
Input
Command and Address Parity Input : DDR4 Supports Even Parity check in DRAM with
MR setting. Once it’s enabled via Register in MR5, then DRAM calculates Parity with
ACT_n, RAS_n/A16, CAS_n/A15, WE_n/A14, BG0-BG1, BA0-BA1, A17-A,0 and C0-
C2(3DS devices). Input parity should maintain at the rising edge of the clock and at the
same time with command & address with CS_n LOW.
ALERT_n
Output
Alert: It has multi functions such as CRC error flag, Command and Address Parity error
flag as Output signal. If there is error in CRC, then Alert_n goes LOW for the period time
interval and goes back HIGH. If there is error in Command Address Parity Check, then
Alert_n goes LOW for relatively long period until on going DRAM internal recovery trans-
action to complete. During Connectivity Test mode, this pin works as input. Using this
signal or not is dependent on system. In case of not connected as Signal, ALERT_n Pin
must be bounded to VDD on board.
Symbol
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com