Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5AN8G8NAFR-RDC Datasheet(PDF) 36 Page - Hynix Semiconductor

Part # H5AN8G8NAFR-RDC
Description  8Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN8G8NAFR-RDC Datasheet(HTML) 36 Page - Hynix Semiconductor

Back Button H5AN8G8NAFR-RDC Datasheet HTML 32Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 33Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 34Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 35Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 36Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 37Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 38Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 39Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 40Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Rev. 1.2 / Jul.2017
36
NOTE :
DRAM package electrical specifications (x16)
Symbol
Parameter
DDR4-1600,1866,2133,2400,2666
Unit
NOTE
min
max
ZIO
Input/output Zpkg
45
85
1
TDIO
Input/output Pkg Delay
14
45
ps
1
LIO
Input/output Lpkg
-
3.4
nH
1,2
CIO
Input/output Cpkg
-
0.82
pF
1,3
ZIO DQS
DQS_t, DQS_c Zpkg
45
85
1
TdIO DQS
DQS_t, DQS_c Pkg Delay
14
45
ps
1
LIO DQS
DQS Lpkg
-
3.4
nH
1,2
CIO DQS
DQS Cpkg
-
0.82
pF
1,3
DZDIO DQS
Delta Zpkg DQSU_t, DQSU_c
-
10
-
Delta Zpkg DQSL_t, DQSL_c
-
10
-
DTdDIODQS
Delta Delay DQSU_t, DQSU_c
-
5
ps
-
Delta Delay DQSL_t, DQSL_c
-
5
ps
-
ZI CTRL
Input- CTRL pins Zpkg
50
90
1
TdI CTRL
Input- CTRL pins Pkg Delay
14
42
ps
1
LI CTRL
Input CTRL Lpkg
-
3.4
nH
1,2
CI CTRL
Input CTRL Cpkg
-
0.7
pF
1,3
ZIADD CMD
Input- CMD ADD pins Zpkg
50
90
1
TdIADDCMD Input- CMD ADD pins Pkg Delay
14
52
ps
1
LI ADD CMD
Input CMD ADD Lpkg
-
3.9
nH
1,2
CI ADD CMD
Input CMD ADD Cpkg
-
0.86
pF
1,3
ZCK
CLK_t & CLK_c Zpkg
50
90
1
TdCK
CLK_t & CLK_c Pkg Delay
14
42
ps
1
LI CLK
Input CLK Lpkg
-
3.4
nH
1,2
CI CLK
Input CLK Cpkg
-
0.7
pF
1,3
DZDLK
Delta Zpkg CLK_t & CLK_c
-
10
-
DTdLK
Delta Delay CLK_t & CLK_c
-
5
ps
-
ZO ZQ
ZQ Zpkg
-
100
-
TdO ZQ
ZQ Delay
20
90
ps
-
ZO ALERT
ALERT Zpkg
40
100
-
TdO ALERT
ALERT Delay
20
55
ps
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com