Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5AN8G8NAFR-RDC Datasheet(PDF) 19 Page - Hynix Semiconductor

Part # H5AN8G8NAFR-RDC
Description  8Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN8G8NAFR-RDC Datasheet(HTML) 19 Page - Hynix Semiconductor

Back Button H5AN8G8NAFR-RDC Datasheet HTML 15Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 16Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 17Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 18Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 19Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 20Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 21Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 22Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 23Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Rev. 1.2 / Jul.2017
19
IDD4W
Operating Burst Write Current
CKE: High; External clock: On; tCK, CL: see Table 1; BL: 81; AL: 0; CS_n: High between WR;
Command, Address, Bank Group Address, Bank Address Inputs: partially toggling according to
Table 8; Data IO: seamless write data burst with different data between one burst and the next one
according to Table 8; DM_n: stable at 1; Bank Activity: all banks open, WR commands cycling through
banks: 0,0,1,1,2,2,... (see Table 8); Output Buffer and RTT: Enabled in Mode Registers2; ODT Signal:
stable at HIGH; Pattern Details: see Table 8
IDD4WA
Operating Burst Write Current (AL=CL-1)
AL = CL-1, Other conditions: see IDD4W
IDD4WB
Operating Burst Write Current with Write DBI
Write DBI enabled3, Other conditions: see IDD4W
IDD4WC
Operating Burst Write Current with Write CRC
Write CRC enabled3, Other conditions: see IDD4W
IDD4W_par
Operating Burst Write Current with CA Parity
CA Parity enabled3, Other conditions: see IDD4W
IPP4W
Operating Burst Write IPP Current
Same condition with IDD4W
IDD5B
Burst Refresh Current (1X REF)
CKE: High; External clock: On; tCK, CL, nRFC: see Table 1; BL: 81; AL: 0; CS_n: High between REF;
Command, Address, Bank Group Address, Bank Address Inputs: partially toggling according to
Table 9; Data IO: VDDQ; DM_n: stable at 1; Bank Activity: REF command every nRFC (see Table 9);
Output Buffer and RTT: Enabled in Mode Registers2; ODT Signal: stable at 0; Pattern Details: see
Table 9
IPP5B
Burst Refresh Write IPP Current (1X REF)
Same condition with IDD5B
IDD5F2
Burst Refresh Current (2X REF)
tRFC=tRFC_x2, Other conditions: see IDD5B
IPP5F2
Burst Refresh Write IPP Current (2X REF)
Same condition with IDD5F2
IDD5F4
Burst Refresh Current (4X REF)
tRFC=tRFC_x4, Other conditions: see IDD5B
IPP5F4
Burst Refresh Write IPP Current (4X REF)
Same condition with IDD5F4
IDD6N
Self Refresh Current: Normal Temperature Range
TCASE: 0 - 85°C; Low Power Array Self Refresh (LP ASR) : Normal4; CKE: Low; External clock:
Off; CK_t and CK_c#: LOW; CL: see Table 1; BL: 81; AL: 0; CS_n#, Command, Address, Bank Group
Address, Bank Address, Data IO: High; DM_n: stable at 1; Bank Activity: Self-Refresh operation;
Output Buffer and RTT: Enabled in Mode Registers2; ODT Signal: MID-LEVEL
IPP6N
Self Refresh IPP Current: Normal Temperature Range
Same condition with IDD6N
IDD6E
Self-Refresh Current: Extended Temperature Range)
TCASE: 0 - 95°C; Low Power Array Self Refresh (LP ASR) : Extended4; CKE: Low; External clock:
Off; CK_t and CK_c: LOW; CL: see Table 1; BL: 81; AL: 0; CS_n, Command, Address, Bank Group
Address, Bank Address, Data IO: High; DM_n:stable at 1; Bank Activity: Extended Temperature
Self-Refresh operation; Output Buffer and RTT: Enabled in Mode Registers2; ODT Signal: MID-LEVEL
IPP6E
Self Refresh IPP Current: Extended Temperature Range
Same condition with IDD6E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com