Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATO25F1GC-30EC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 6Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 7Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 8Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 9Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 10Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 11Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 12Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 13Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
10/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
2
Signal descriptions
2.1
Serial Data output (SO)
– SIO1
This output signal is used to transfer data serially out of the device. Data is shifted out on the
falling edge of Serial Clock (SCLK) at all read mode. Also, When the device is Quad mode, this
pin(SO) is used for SIO1
2.2
Serial Data input (SI)
– SIO0
This input signal is used to transfer data serially into the device. It receives instructions, addresses,
and the data to be programmed. Values are latched on the rising edge of Serial Clock (SCLK).
Also, When the device is Quad mode, this pin(SI) is used for SIO0
2.3
Serial Clock (SCLK)
This input signal provides the timing of the serial interface. Instructions, addresses, or data
present at Serial Data Input (SI) are latched on the rising edge of Serial Clock (SCLK). Data on
Serial Data Output (SO) changes after the falling edge of Serial Clock (SCLK).
2.4
Chip Select (CS#)
When this input signal is High, the device is deselected and Serial Data Output Pins are at high
impedance. Unless an internal Program, Erase or Write Status Register cycle is in progress, the
device will be in the Standby mode (this is not the Deep Power-down mode). Driving Chip Select
(CS#) Low enables the device, placing it in the active power mode.
After Power-up, a falling edge on Chip Select (CS#) is required prior to the start of any instruction.
2.5
Hold (HOLD#)
– SIO3
The Hold (HOLD#) signal is used to pause any serial communications with the device without
deselecting the device.
During the Hold condition, the Serial Data Output (SO) is high impedance, and Serial Data Input
(SI) and Serial Clock (SCLK
) are Don’t Care.
To start the Hold condition, the device must be selected, with Chip Select (CS#) driven Low.
Also, When the QE bit of Status Register is set for
“High”, the Hold# function is not available
and this pin used for SIO3 in Quad mode.
2.6
Write Protect (W#)
– SIO2
The main purpose of this input signal is to freeze the size of the area of memory that is protected
against program or erase instructions (as specified by the values in the BP2, BP1 and BP0 bits of
the Status Register).
Like the Hold# pin, When the QE bit of Status Register is set for
“High”, the W# function is not
available too, and this pin used for SIO2 in Quad mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com