Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R46E Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R46E
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46E Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R46E Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
EEPROM D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
VCC
Operating Voltage
¾¾
2.2
¾
5.5
V
ICC1
Operating Current
5V
Read at 100kHz
¾¾
2mA
ICC2
Operating Current
5V
Write at 100kHz
¾¾
5mA
VIL
Input Low Voltage
¾¾
-1
¾
0.3VCC
V
VIH
Input High Voltage
¾¾
0.7VCC
¾
VCC+0.5
V
VOL
Output Low Voltage
2.4V
IOL=2.1mA
¾¾
0.4
V
ILI
Input Leakage Current
5V
VIN=0 or VCC
¾¾
1
mA
ILO
Output Leakage Current
5V
VOUT=0 or VCC
¾¾
1
mA
ISTB1
Standby Current
5V
VIN=0 or VCC
¾¾
4
mA
ISTB2
Standby Current
2.4V
VIN=0 or VCC
¾¾
3
mA
CIN
Input Capacitance (See Note)
¾
f=1MHz 25
°C
¾¾
6pF
COUT
Output Capacitance (See Note)
¾
f=1MHz 25
°C
¾¾
8pF
Note:
These parameters are periodically sampled but not 100% tested
VCC pad is wire-bonded to VDD pad of the HT46R46/HT46C46 die.
A.C. Characteristics
Ta=25
°C
HT46R46/HT46C46
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
¾
2.2V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
fTIMER
Timer I/P Frequency
(TMR)
¾
2.2V~5.5V
0
¾
4000
kHz
¾
3.3V~5.5V
0
¾
8000
kHz
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tWDT1
Watchdog Time-out Period
(RC)
¾¾
2
15
¾
2
16
tWDTOSC
tWDT2
Watchdog Time-out Period
(System Clock)
¾¾
2
17
¾
2
18
tSYS
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Wake-up from HALT
¾
1024
¾
*tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tAD
A/D Clock Period
¾¾
0.5
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
64
¾
tAD
tADCS
A/D Sampling Time
¾¾
¾
32
¾
tAD
Note: *tSYS=1/fSYS
HT46R46E/HT46C46E
Rev. 1.30
5
July 19, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com