Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R46E Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT46R46E
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46E Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT46R46E Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
HT46R46E/HT46C46E
Rev. 1.30
18
July 19, 2005
A/D Converter
The 4 channels and 8-bit resolution A/D converter are
implemented in this microcontroller. The reference volt-
age is VDD. The A/D converter contains 3 special regis-
ters which are; ADR (21H), ADCR (22H) and ACSR
(23H). The ADR is an A/D result register that is
read-only. After the A/D conversion is completed, the
ADR should be read to get the conversion result data.
The ADCR is an A/D converter control register, which
defines the A/D channel number, analog channel select,
start A/D conversion control bit and the end of A/D con-
version flag. If the users want to start an A/D conversion,
define PB configuration, select the converted analog
channel, and give START bit a raising edge and a falling
edge (0
®1®0). At the end of A/D conversion, the
EOCB bit is cleared and an A/D converter interrupt oc-
curs (if the A/D converter interrupt is enabled). The
ACSR is A/D clock setting register, which is used to se-
lect the A/D clock source.
The A/D converter control register is used to control the
A/D converter. The bit2~bit0 of the ADCR are used to
select an analog input channel. There are a total of four
channels to select. The bit5~bit3 of the ADCR are used
to set PB configurations. PB can be an analog input or
as digital I/O line decided by these 3 bits. Once a PB line
is selected as an analog input, the I/O functions and
pull-high resistor of this I/O line are disabled, and the
A/D converter circuit is power on. The EOCB bit (bit6 of
the ADCR) is end of A/D conversion flag. Check this bit
to know when A/D conversion is completed. The START
bit of the ADCR is used to begin the conversion of A/D
converter. Give START bit a raising edge and falling
edge that means the A/D conversion has started. In or-
der to ensure the A/D conversion is completed, the
START should stay at
²0² until the EOCB is cleared to
²0² (end of A/D conversion).
Bit 7 of the ACSR register is used for test purposes only
and must not be used for other purposes by the applica-
tion program. Bit1 and bit0 of the ACSR register are
used to select the A/D clock source.
When the A/D conversion has completed, the A/D inter-
rupt request flag will be set. The EOCB bit is set to
²1²
when the START bit is set from
²0² to ²1².
Important Note for A/D initialization:
Special care must be taken to initialize the A/D con-
verter each time the Port B A/D channel selection bits
are modified, otherwise the EOCB flag may be in an un-
defined condition. An A/D initialization is implemented
by setting the START bit high and then clearing it to zero
within 10 instruction cycles of the Port B channel selec-
tion bits being modified. Note that if the Port B channel
selection bits are all cleared to zero then an A/D initial-
ization is not required.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
D7
D6
D5
D4
D3
D2
D1
D0
Note:
D0~D7 is A/D conversion result data bit LSB~MSB.
ADR (21H) Register
Bit No.
Label
Function
0
1
2
ACS0
ACS1
ACS2
ACS2, ACS1, ACS0: Select A/D channel
0, 0, 0: AN0
0, 0, 1: AN1
0, 1, 0: AN2
0, 1, 1: AN3
1, X, X: undefined, cannot be used
3
4
5
PCR0
PCR1
PCR2
PCR2, PCR1, PCR0: PB3~PB0 configurations
0, 0, 0: PB3 PB2 PB1 PB0 (The ADC circuit is power off to reduce power consumption.)
0, 0, 1: PB3 PB2 PB1 AN0
0, 1, 0: PB3 PB2 AN1 AN0
0, 1, 1: PB3 AN2 AN1 AN0
1, x, x: AN3 AN2 AN1 AN0
6
EOCB
Indicates end of A/D conversion. (0 = end of A/D conversion)
Each time bits 3~5 change state the A/D should be initialized by issuing a START signal, other-
wise the EOCB flag may have an undefined condition. See
²Important note for A/D initialization².
7
START
Start the A/D conversion
0
®1®0= Start
0
®1= Reset A/D converter and set EOCB to ²1²
ADCR (22H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com