| Electronic Components Datasheet Search |
|
HT46R46E Datasheet(PDF) 19 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R46E Datasheet(HTML) 19 Page - Holtek Semiconductor Inc |
|
19 / 45 page ![]() HT46R46E/HT46C46E Rev. 1.30 19 July 19, 2005 Bit No. Label Function 0 1 ADCS0 ADCS1 Select the A/D converter clock source. 0, 0: fSYS/2 0, 1: fSYS/8 1, 0: fSYS/32 1, 1: Undefined 2~6 ¾ Unused bit, read as ²0². 7 TEST For internal test only. ACSR (23H) Register The following two programming examples illustrate how to setup and implement an A/D conversion. In the first exam- ple, the method of polling the EOCB bit in the ADCR register is used to detect when the conversion cycle is complete, whereas in the second example, the A/D interrupt is used to determine when the conversion is complete. Example: using EOCB Polling Method to detect end of conversion clr EADI ; disable ADC interrupt mov a,00000001B mov ACSR,a ; setup the ACSR register to select fSYS/8 as the A/D clock mov a,00100000B ; setup ADCR register to configure Port PB0~PB3 as A/D inputs mov ADCR,a ; and select AN0 to be connected to the A/D converter : : ; As the Port B channel bits have changed the following START ; signal (0-1-0) must be issued within 10 instruction cycles : Start_conversion: clr START set START ; reset A/D clr START ; start A/D Polling_EOC: sz EOCB ; poll the ADCR register EOCB bit to detect end of A/D conversion jmp polling_EOC ; continue polling mov a,ADR ; read conversion result value from the ADR register mov adr_buffer,a ; save result to user defined memory : : jmp start_conversion ; start next A/D conversion Example: using interrupt method to detect end of conversion clr EADI ; disable ADC interrupt mov a,00000001B mov ACSR,a ; setup the ACSR register to select fSYS/8 as the A/D clock mov a,00100000B ; setup ADCR register to configure Port PB0~PB3 as A/D inputs mov ADCR,a ; and select AN0 to be connected to the A/D converter : ; As the Port B channel bits have changed the following START ; signal (0-1-0) must be issued within 10 instruction cycles : Start_conversion: clr START set START ; reset A/D clr START ; start A/D clr ADF ; clear ADC interrupt request flag set EADI ; enable ADC interrupt set EMI ; enable global interrupt : |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |