Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R46E Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT46R46E
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46E Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT46R46E Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
HT46R46E/HT46C46E
Rev. 1.30
14
July 19, 2005
The registers
¢ states are summarized in the following table.
Register
Reset
(Power On)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Times-out
(HALT)*
TMR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRC
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
Program
Counter
000H
000H
000H
000H
000H
MP
-xxx xxxx
-uuu uuuu
-uuu uuuu
-uuu uuuu
-uuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
--uu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
PBC
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
PD
---- ---1
---- ---1
---- ---1
---- ---1
---- ---u
PDC
---- ---1
---- ---1
---- ---1
---- ---1
---- ---u
PWM
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR
0100 0000
0100 0000
0100 0000
0100 0000
uuuu uuuu
ACSR
1--- --00
1--- --00
1--- --00
1--- --00
u--- --uu
Note:
²*² stands for warm reset
²u² stands for unchanged
²x² stands for unknown
Timer/Event Counter
A timer/event counter (TMR) is implemented in the
microcontroller. The timer/event counter contains an
8-bit programmable count-up counter and the clock may
come from an external source or the system clock.
Using external clock input allows the user to count exter-
nal events, measure time internals or pulse widths, or
generate an accurate time base. While using the inter-
nal clock allows the user to generate an accurate time
base.
The timer/event counter can generate PFD signal by us-
ing external or internal clock and PFD frequency is de-
termine by the equation fINT/[2
´(256-N)].
There are 2 registers related to the timer/event counter;
TMR ([0DH]), TMRC ([0EH]). Two physical registers are
mapped to TMR location; writing TMR makes the start-
ing value be placed in the timer/event counter preload
register and reading TMR retrieves the contents of the
timer/event counter. The TMRC is a timer/event counter
control register, which defines some options.
The TM0, TM1 bits define the operating mode. The
event count mode is used to count external events,
which means the clock source comes from an external
(TMR) pin. The timer mode functions as a normal timer
with the clock source coming from the fINT clock. The
pulse width measurement mode can be used to count the
high or low level duration of the external signal (TMR). The
counting is based on the fINT.
In the event count or timer mode, once the timer/event
counter starts counting, it will count from the current con-
tents in the timer/event counter to FFH. Once overflow oc-
curs, the counter is reloaded from the timer/event counter
preload register and generates the interrupt request flag
(TF; bit 5 of INTC) at the same time.
In the pulse width measurement mode with the TON
and TE bits equal to one, once the TMR has received a
transient from low to high (or high to low if the TE bits is
²0²) it will start counting until the TMR returns to the orig-
inal level and resets the TON. The measured result will
remain in the timer/event counter even if the activated
transient occurs again. In other words, only one cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com