Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8019AS Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
22
0
ACTIVEB
This bit is the inverse of bit 0 in PnP Activate register (index 30H).
When RTL8019AS is deactivated, all BROM memory read and I/O accesses to the
Group1 registers except the HLTCLK register are ignored.
The HLTCLK register and PnP logic work the same as when RTL8019AS is active.
Note: The PnP logical device control register is the only way to activate
RTL8019AS. Therefore, the HLTCLK register is allowed to be written to prevent
RTL8019AS from dying when it is inactive in the clock-halted power-down mode.
CONFIG4 RTL8019AS Configuration Register 4 (0DH; Type=R)
Bit
Symbol
Description
7-1
-
Reserved
0
IOMS
When this bit is set, RTL8019AS uses SA15-SA0 to decode I/O address of NE2000
registers. When this bit is reset, RTL8019AS only decodes SA9-SA0 like the RTL8019
does. This mode is supported for applications which might require to fully decode I/O
address. This bit is read-only and comes from the CONFIG4 byte(Offset 03H) of
9346(refer to section 6.3).
CSNSAV: CSN Save Register (08H; Type=R)
This register is provided to backup the CSN assigned to the PnP CSN register.
HLTCLK: Halt Clock Register (09H; Type=W)
This is the only active one of Group1 registers when RTL8019AS is inactivated.
Writing to this register is invalid if RTL8019AS is not in power down mode. (i.e. If PWRDN bit in
CONFIG3 register is zero.)
The data written to this register determines the RTL8019AS's power down mode.
Data
Power Down Mode
52H (ASCII code of 'R')
Mode 1 - clock Running
48H (ASCII code of 'H')
Mode 2 - clock Halted
Other values
Ignored
INTR: Interrupt Register (0BH; Type=R)
This register reflects the ISA bus states of INT7-0 pins.
FMWP: Flash Memory Write Protect Register (0Ch, Type=W)
This register is write only. A write to this register is valid only when EEM0=EEM1=1. Sequentially
writing 2 bytes of data (57H then A8H) to this register enables the flash memory write operation.
Writing other data to this register will reset the write sequence and disable the flash write. All flash
memory write commands from host are ignored if the write operation is not enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com