Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8019AS Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 43Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 44Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 46Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 47Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 48Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 49Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 50Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
46
7. Electrical Specifications and Timings
7.1. Absolute Maximum Ratings
Operating Temperature ........................................................................................... 0 to 70
Storage Temperature .............................................................................................. -65 to 140
All Outputs and Supply Voltages, with respect to Ground ........................................ -0.5V to 7V
Power Dissipation ..................................................................................................
Warning:
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only.
Functionality at or above these limits is not recommended and extended exposure to "Absolute
Maximum Ratings" may affect device reliability.
7.2. D.C. Characteristics (Tc=0 to 70 , Vcc=5V+5%)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Vil
Input Low Voltage
0.8
V
Vih
Input Low Voltage
2.0
V
Vol1
Output Low Voltage 1
0.4
0.6
V
Iol=16mA, Note 1
Voh1
Output High Voltage 1
3.0
3.5
V
Ioh=8mA, Note 1
Vol2
Output Low Voltage 2
0.4
0.6
V
Iol=4mA, Note 2
Voh2
Output High Voltage 2
3.5
4.0
V
Ioh=4mA, Note 2
Vol3
Output Low Voltage 3
0.6
V
Iol=24mA, Note 3
Rpull-low
Internal Pull-Low Resistance
50
100
150
KW
II
Input Leakage Current
-10
10
mA
Note 1: Apply only to INT7 ~ INT0, SD15 ~ SD0.
Note 2: Apply only to MD7 ~ MD0, MA13 ~ MA0, LED Pins, EECS, MWRB, MRDB, BCSB.
Note 3: Apply only to IOCHRDY, IOCS16B
7.3. A.C. Timing Characteristics
(1) ISA I/O Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com