Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8019AS Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 43Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 44Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 46Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 47Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
44
s set PAR0-5 to accept packet
s set TCR=04h (CRC enabled)
s set DCR=40h (8-bit slot) or 43h (16-bit slot)
s clear ISR
s tx a packet
s check CRC bytes in FIFO after loopback
B. To test CRC checker
s set RCR=00h to accept physical packet
s set PAR0-5 to accept packet
s set TCR=05h (CRC disabled)
s set DCR=40h (8-bit slot) or 43h (16-bit slot)
s clear ISR
s tx a packet with good or bad CRC appended by program
s check FIFO, ISR & RSR after loopback
For bad CRC, expected: ISR=06h, RSR=02h (Tx: OK, Rx:CRC error)
For good CRC, expected: ISR=02h, RSR=01h (Tx:OK, Rx: OK)
Note: In loopback mode, the received packets are not stored to SRAM, so PRX bit in ISR isn't set.
(3) To verify the address recognition function
q
q Select a loopback mode (e.g. mode 2) to test
A. Right physical destination address
s set RCR=00h to accept physical packet
s set PAR0-5 to accept packet
s set TCR=04h (CRC enabled)
s set DCR=40h (8-bit slot) or 43h (16-bit slot)
s clear ISR
s tx a packet
s check ISR after loopback
Expected: ISR=06h (packets accepted, Rx CRC error)
B. Wrong physical destination address
s set RCR=00h to accept physical packet
s set PAR0-5 to reject packet
s set TCR=04h (CRC enabled)
s set DCR=40h (8-bit slot) or 43h (16-bit slot)
s clear ISR
s tx a packet
s check ISR after loopback
Expected: ISR=02h (packets rejected, Rx no response)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com