Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8019AS Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 43Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 44Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 46Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 47Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 48Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
45
(4) To Test Cable Connection
q
q There are four physical medium types in RTL8019.
We perform loopback mode 3 to test the cable connection status.
s set RCR=00h to accept physical packet
s set PAR0-5 to accept packet
s set TCR=06h (CRC enabled)
s set DCR=40h (8-bit slot) or 43h (16-bit slot)
s clear ISR
s tx a packet
s check TSR after loopback
A. 10Base2
If cable OK, get TSR=03h (Tx OK).
If cable FAIL, get TSR=0Eh (Collision and Tx aborted).
B. 10Base5
If cable OK, get TSR=03h (Tx OK).
If MAU connected but cable FAIL, get TSR=0Eh (Tx collision and Tx aborted).
If MAU not connected, get TSR=53h (Carrier sense is lost during transmission and CD heartbeat
fails.).
C. 10BaseT with link test disabled
RTL8019AS disables link test in this case, so cable OK or FAIL doesn't affect TSR; get TSR=03h.
D. Auto-detection (10BaseT with link test enabled)
RTL8019AS automatically switches from 10BaseT to 10Base 2 if the twisted-pair wire is not
connected (10BaseT link test fails).
If twisted-pair wire OK, get TSR=03h (Tx OK) & BNC=0 in CONFIG2
If twisted-pair wire FAIL but coaxial cable OK, get TSR=03h (Tx OK) & BNC=1 in CONFIG2
Otherwise, get TSR=0Eh (same as 10Base2 connection fail).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com