Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8019AS Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 43Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 44Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 46Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 47Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 48Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 49Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 50Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
47
T1
T3
T4
T5
T7
T8
T6
T2
AEN
SA0-11
IOCS16B
IORB,
IOWB
IOCHRDY
SD0-15 (read)
SD0-15 (write)
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
Host address valid to IOCS16B low
8
20
20
ns
T2
Host address invalid to IOCS16B high
4
30
--
ns
T3
IOCHRDY goes low from falling edge of
IORB or IOWB when wait state insertion is
needed.
--
50
50
ns
T4
Read data valid from falling edge of IORB or
IOWB when no wait state insertion is needed.
--
50
60
ns
T5
Read data valid to IOCHRDY high when wait
state is needed
25
--
--
ns
T6
Read data hold after IORB rising edge
10
30
30
ns
T7
Write data setup to IOWB rising edge
10
10
--
ns
T8
Write data hold from IOWB rising edge
10
10
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com