Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS4100 Datasheet(PDF) 4 Page - Tripath Technology Inc.

Part # TPS4100
Description  FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TPS4100 Datasheet(HTML) 4 Page - Tripath Technology Inc.

  TPS4100 Datasheet HTML 1Page - Tripath Technology Inc. TPS4100 Datasheet HTML 2Page - Tripath Technology Inc. TPS4100 Datasheet HTML 3Page - Tripath Technology Inc. TPS4100 Datasheet HTML 4Page - Tripath Technology Inc. TPS4100 Datasheet HTML 5Page - Tripath Technology Inc. TPS4100 Datasheet HTML 6Page - Tripath Technology Inc. TPS4100 Datasheet HTML 7Page - Tripath Technology Inc. TPS4100 Datasheet HTML 8Page - Tripath Technology Inc. TPS4100 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
4
TPS4100 – KL/Rev. 2.5/02.05
Protection Circuits (Note 5)
TA = 25 °C. Unless otherwise noted, the supply voltage is VPP=14.4V.
TPS4100 Pinout
32-pin SSIP Package
(Top view)
Note: The heat slug of the TPS4100 is connected to PGND.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
OVON
Over-voltage Threshold
Over-voltage turn on (amp muted)
27.0
30
32.5
V
OVOFF
Over-voltage Reset
Over-voltage turn off (mute off)
26.0
28.0
V
UVOFF
Under-voltage Reset
Under-voltage turn off (mute off)
9.5
10.0
V
UVON
Under-voltage Threshold
Under-voltage turn on (amp muted)
7.8
8.1
8.6
V
OTON
Over-Temperature Threshold
Over-temperature turn on (amp
muted)
150
160
170
°C
OTOFF
Over-Temperature Reset
Over-temperature turn off (mute off)
120
130
140
°C
IOC
Over-Current Detect
Single cycle, 1kHz input ramp
8.0
9.5
A
VPMAX
Load Dump Voltage Withstand
Test conditions, tr > 2.5ms,
tpulse<50mS
60
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com