Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS4100 Datasheet(PDF) 12 Page - Tripath Technology Inc.

Part # TPS4100
Description  FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TPS4100 Datasheet(HTML) 12 Page - Tripath Technology Inc.

Back Button TPS4100 Datasheet HTML 6Page - Tripath Technology Inc. TPS4100 Datasheet HTML 7Page - Tripath Technology Inc. TPS4100 Datasheet HTML 8Page - Tripath Technology Inc. TPS4100 Datasheet HTML 9Page - Tripath Technology Inc. TPS4100 Datasheet HTML 10Page - Tripath Technology Inc. TPS4100 Datasheet HTML 11Page - Tripath Technology Inc. TPS4100 Datasheet HTML 12Page - Tripath Technology Inc. TPS4100 Datasheet HTML 13Page - Tripath Technology Inc. TPS4100 Datasheet HTML 14Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
12
TPS4100 – KL/Rev. 2.5/02.05
manufactured as common mode chokes with the windings wound in the same direction or as differential
mode chokes with the windings wound in opposite directions. Since the ferrite reduces the energy storage
capability of the inductor, it is important to ensure that the shielded dual inductor does not saturate at the
maximum currents attainable by the TPS4100. Dual inductors wound as common mode inductors may
aid in reducing common mode noise to the load. They also may result in lower than initial inductances
due to electric field cancellation effects.
Tripath also recommends that an RC damper be used after the LC low-pass filter. No-load operation of a
TPS4100 amplifier can create significant peaking in the LC filter, which produces strong resonant currents
that can overheat the integrated MOSFETs and/or other components. The RC dampens the peaking and
prevents problems.
It is highly recommended that the design process for a TPS4100 amplifier include an analysis of the
interaction of intended speaker(s) with the LC filter and RC damper to ensure the desired frequency
response is attained. Component values for the LC filter and RC damper may need to be altered from the
Tripath suggestions to achieve the required response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com