Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS4100 Datasheet(PDF) 11 Page - Tripath Technology Inc.

Part # TPS4100
Description  FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TPS4100 Datasheet(HTML) 11 Page - Tripath Technology Inc.

Back Button TPS4100 Datasheet HTML 6Page - Tripath Technology Inc. TPS4100 Datasheet HTML 7Page - Tripath Technology Inc. TPS4100 Datasheet HTML 8Page - Tripath Technology Inc. TPS4100 Datasheet HTML 9Page - Tripath Technology Inc. TPS4100 Datasheet HTML 10Page - Tripath Technology Inc. TPS4100 Datasheet HTML 11Page - Tripath Technology Inc. TPS4100 Datasheet HTML 12Page - Tripath Technology Inc. TPS4100 Datasheet HTML 13Page - Tripath Technology Inc. TPS4100 Datasheet HTML 14Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
11
TPS4100 – KL/Rev. 2.5/02.05
FAULT PIN
The FAULT pin is a logic output that indicates various fault conditions within the device. These conditions
include: over-voltage, under-voltage, over-current at any output, low charge pump voltage, low 5V
regulator voltage, and over-temperature (junction temperature greater than approximately 160
°C).
The FAULT pin is an open drain output. The recommended pull-up to an external 3.3V or 5V supply is
51k
Ω. Alternatively, this pin can be pulled up to VPP through a 51kΩ resistor. A logic high on this pin
indicates a fault condition. This pin has a 1mA maximum sink current capability.
CIRCUIT BOARD LAYOUT
When used in conjunction with a Class T controller the TPS4100 is a power (high current) amplifier that
operates at relatively high switching frequencies. Therefore, amplifier outputs switch between the supply
voltage and ground at high speeds while driving high currents. This high-frequency digital signal is
passed through an LC low-pass filter to recover the amplified audio signal. Since the amplifier must drive
the inductive LC output filter and speaker loads, the amplifier outputs can be pulled above the supply
voltage and below ground by the energy in the output inductance. To avoid subjecting the TPS4100 to
potentially damaging voltage stress, it is critical to have a good printed circuit board layout. It is
recommended that Tripath’s layout and application circuit be used for all applications and only be
deviated from after careful analysis of the effects of any changes.
Please refer to the TPS4100
evaluation board document, EB-TPS4100, available on the Tripath website, at www.tripath.com.
The following components are important to place near either their associated TPS4100 pins. The
recommendations are ranked in order of layout importance, either for proper device operation or
performance considerations.
-
The capacitors, CBR, provide high frequency bypassing of the amplifier power supplies and will
serve to reduce spikes and modulation of the power supply rails. Please note that bypassing
requires a combination of capacitors for adequate stabilization.
-
The output diodes, DO, are used to minimize overshoots/undershoots on the output node.
Improper routing of these diodes will render them useless due to PCB trace inductance. Thus,
these components must be located very close to the output pins with the “other side of the
diode” routed directly to the appropriate VPP or PGND pin.
The capacitors, CS, provide high frequency bypassing of the amplifier power supplies. Please note that
bypassing requires a combination of capacitors for adequate stabilization.
OUTPUT FILTER DESIGN
One advantage of Tripath amplifiers over PWM solutions is the ability to use higher-cutoff-frequency
filters. This means any load-dependent peaking/droop in the 20kHz audio band potentially caused by the
filter can be made negligible. This is especially important for applications where the user may select a 4
Ω
or 8
Ω speaker. Furthermore, speakers are not purely resistive loads and the impedance they present
changes over frequency and from speaker model to speaker model.
The core material of the output filter inductor has an effect on the distortion levels produced by a
TPS4100 amplifier. Tripath recommends low-mu type-2 iron powder cores because of their low loss and
high linearity or high current capability bobbin types that will not saturate at peak currents below 9A.
Recently, there have been a number of dual inductors designed specifically for bridged output switching
amplifiers. These dual inductors are two inductors shielded by a common ferrite shield. They may be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com