Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS4100 Datasheet(PDF) 5 Page - Tripath Technology Inc.

Part # TPS4100
Description  FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TPS4100 Datasheet(HTML) 5 Page - Tripath Technology Inc.

  TPS4100 Datasheet HTML 1Page - Tripath Technology Inc. TPS4100 Datasheet HTML 2Page - Tripath Technology Inc. TPS4100 Datasheet HTML 3Page - Tripath Technology Inc. TPS4100 Datasheet HTML 4Page - Tripath Technology Inc. TPS4100 Datasheet HTML 5Page - Tripath Technology Inc. TPS4100 Datasheet HTML 6Page - Tripath Technology Inc. TPS4100 Datasheet HTML 7Page - Tripath Technology Inc. TPS4100 Datasheet HTML 8Page - Tripath Technology Inc. TPS4100 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
5
TPS4100 – KL/Rev. 2.5/02.05
TPS4100 Pinout
PIN
NAME/FUNCTION TYPE
DESCRIPTION
1
SLEEPB
INPUT (L) Logic input, ACTIVE LOW. Setting SLEEP to low puts the TPS4100 in sleep
mode. Input range is 0 to 5V with 3.3V compliant inputs.
2, 4, 6, 8
Y1, Y2, Y3, Y4
INPUT (L) Non-inverted switching modulator inputs.
3, 5, 7, 9
Y1B, Y2B, Y3B, Y4B
INPUT (L) Inverted switching modulator inputs.
10
MUTEB
INPUT (L) Logic Input, ACTIVE LOW. Setting MUTE to low puts the device in mute mode.
Typically driven by external power supply or microcontroller. Input range is 0 to
5V with 3.3V compliant inputs.
11
AM
INPUT (L) Logic input, ACTIVE HIGH. Enables Analog Mode operation. Typically driven
by Tripath controller. Input range is 0 to 5V with 3.3V compliant inputs.
12
5VGEN
OUTPUT
On chip 5V regulator bypass capacitor connection
12
HMUTEB
OUTPUT (L) Logic output, ACTIVE LOW. HMUTEB low indicates TPS4100 is in mute mode
13, 14
AGND
GND
Analog ground
15
CPUMP
OUTPUT Charge pump output capacitor
16
OUT4P
OUTPUT Positive Output Channel 4
17
VPP4
POWER
Positive Supply Voltage Channel 4
18
PGND
GND
Power Ground for Outputs 3 and 4
19
OUT4N
OUTPUT Negative Output Channel 4
20
OUT3N
OUTPUT Negative Output Channel 3
21
VPP3
POWER
Positive Supply Voltage Channel 3
22
OUT3P
OUTPUT Positive Output Channel 3
23
FAULT
OUTPUT (L) Open Drain Logic Output, ACTIVE HIGH. FAULT high indicates fault condition.
24
OUT2P
OUTPUT Positive Output Channel 2
25
VPP2
POWER
Positive Supply Voltage Channel 2
26
OUT2N
OUTPUT Negative Output Channel 2
27
OUT1N
OUTPUT Negative Output Channel 1
28
PGND
GND
Power Ground for Outputs 1 and 2
29
VPP1
POWER
Positive Supply Voltage Channel 1
30
OUT1P
OUTPUT Positive Output Channel 1
31
DCAP
OUTPUT Oscillator output for driving external charge pump circuit
32
PGND
GND
Power Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com