Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS4100 Datasheet(PDF) 2 Page - Tripath Technology Inc.

Part # TPS4100
Description  FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TPS4100 Datasheet(HTML) 2 Page - Tripath Technology Inc.

  TPS4100 Datasheet HTML 1Page - Tripath Technology Inc. TPS4100 Datasheet HTML 2Page - Tripath Technology Inc. TPS4100 Datasheet HTML 3Page - Tripath Technology Inc. TPS4100 Datasheet HTML 4Page - Tripath Technology Inc. TPS4100 Datasheet HTML 5Page - Tripath Technology Inc. TPS4100 Datasheet HTML 6Page - Tripath Technology Inc. TPS4100 Datasheet HTML 7Page - Tripath Technology Inc. TPS4100 Datasheet HTML 8Page - Tripath Technology Inc. TPS4100 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
2
TPS4100 – KL/Rev. 2.5/02.05
Absolute Maximum Ratings (Notes 1, 2)
SYMBOL
PARAMETER
Value
UNITS
VPP
Supply Voltage (VPP)
33
V
VPPMAX
Peak Supply Voltage (t<50ms)
60
V
VINRANGE
Voltage Range for Input Section Pins (Note 2)
Inputs (Pins 1-11)
-0.5 to 5.5
V
TSTORE
Storage Temperature Range
-55 to +150
ºC
IR
Repetitive Peak Output Current
12
A
Tj
Maximum Junction Temperature
150
ºC
PD
Total Power Dissipation (Tcase = 70ºC)
80
W
ESD
ESD Susceptibility - Human Body Model (Note 3)
2k
V
ESD
ESD Susceptibility – Machine Model (Note 4)
200
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
See the table below for Operating Conditions.
Note 2: The input section pins (pins 1-11) should not be connected to voltages over 5.5V with respect to pins 13 and 14
(AGND). Please note that pin 12 is an output and can be damaged if a voltage is forced externally.
Note 3: Human body model, 100pF discharged through a 1.5K
Ω resistor.
Note 4: Machine model, 220pF – 240pF discharged through all pins.
Operating Conditions (Note 5)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VPP
Supply Voltage (Note 5)
10
14.4
26
V
TA
Operating Free Air Temperature Range
-40
25
85
ºC
Note 5: Recommended Operating Conditions indicate conditions for which the device is functional.
See Electrical Characteristics for guaranteed specific performance limits.
Thermal Characteristics
SYMBOL
PARAMETER
Value
UNITS
θJC
Junction-to-case Thermal Resistance
1.0
°C/W
θJA
Junction-to-ambient Thermal Resistance (still air)
20
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com