Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48C10 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT48C10
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C10 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT48C10 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
• Location 00CH
Location 00CH is reserved for the timer/ event
counter 1 interrupt service program of the
HT48C50/HT48C70 only. If the timer inter-
rupt results from a timer/event counter 1
overflow, the interrupt is enabled, and the
stack is not full, the program begins execution
at location 00CH.
• Table location
Any location in the ROM can be used as a
look–up table. The instructions TABRDC [m]
(the current page, 1 page=256 words) and
TABRDL [m] (the last page) transfer the con-
tents of the lower-order byte to the specified
data memory, and the higher-order byte to
TBLH (08H). Only the destination of the
lower-order byte in the table is well-defined,
and the higher-order byte of the table word is
transferred to the Table Higher-order byte
register (TBLH). The TBLH is read only. The
Table Pointer (TBLP), on the other hand, is a
read/write register (07H) used to indicate the
table location. Before accessing the table, the
location should be placed in the TBLP. The
TBLH is read only and cannot be restored. If
the main routine and the ISR (Interrupt Serv-
ice Routine) both employ the table read in-
struction, the contents of the TBLH in the
main routine is likely to be changed by the
table read instruction used in the ISR. Errors
will then occur. Hence, simultaneously using
the table read instruction in the main routine
and the ISR should be avoided. Nonetheless,
if the application of the table read instruction
to both the main routine and the ISR cannot
be avoided, interrupts should be disabled
prior to the table read instruction, and they
should not be enabled until the TBLH is
backed-up. All the table related instructions
require 2 cycles to complete an operation.
These areas may function as a normal pro-
gram memory depending upon the user’s re-
quirements.
Stack register – STACK
The stack register is a special memory port used
to save the contents of the PC. The stack can be
organized into 2, 4, or 8 levels according to the
microcontroller selected (2 levels for the
HT48C10/HT48C30, 4 levels for the HT48C50,
8 levels for the HT48C70). The register is nei-
ther part of the data nor part of the program,
and is neither readable nor writeable. Any acti-
vated level is indexed by a stack pointer (SP)
and is neither readable nor writeable. At a sub-
routine call or interrupt acknowledgment, the
contents of the PC is pushed onto the stack. At
the end of a subroutine or an interrupt routine,
signaled by a return instruction (RET or RETI),
the contents of the PC is restored to its previous
value from the stack. After chip reset, the SP
will point to the top of the stack.
If the stack is full and a non-masked interrupt
takes place, the interrupt request flag is recorded
but the acknowledgment is still inhibited. After
the stack pointer is decremented (by RET or
RETI), the interrupt will be serviced. This feature
prevents the occurrence of stack overflow, allow-
Instruction(s)
Table Location
*m~*8
∗7
∗6
∗5
∗4
∗3
∗2
∗1
∗0
TABRDC [m]
Pm~P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1~1
@7
@6
@5
@4
@3
@2
@1
@0
Table location
Notes:
∗m~∗0: Bits of table location
@7~@0: Bits of table pointer
Pm~P8: Bits of current
Program Counter
m=9 for the HT48C10
m=10 for the HT48C30
m=11 for the HT48C50
m=12 for the HT48C70
HT48CXX/HT48RXX
15
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com