Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48C10 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT48C10
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C10 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT48C10 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
Register
Bit No.
Label
Function
INTC
(0BH)
0EMI
Control the master (global) interrupt
(1= enabled; 0= disabled)
1
EEI
Control the external interrupt
(1= enabled; 0= disabled)
2
ET0I
Control the timer/event counter 0 interrupt
(1= enabled; 0= disabled)
3ET1I
Control the timer/event counter 1 interrupt (for the
HT48C50/HT48C70 only) (1= enabled; 0= disabled)
4EIF
External interrupt request flag
(1= active; 0= inactive)
5
T0F
Internal timer/event counter 0 request flag
(1= active; 0= inactive)
6
T1F
Internal timer/event counter 1 request flag (for the
HT48C50/HT48C70 only) (1= active; 0= inactive)
7
—
Unused bit, read as “0”
INTC register
event counter interrupt request flag (TF; bit 5 of
INTC), that is caused by a timer overflow. When
the interrupt is enabled, and the stack is not
full, and the TF bit is set, a subroutine call to
location 08H will occur. The related interrupt
request flag (TF) will be reset and the EMI bit
will be cleared to disable further interrupts.
The internal timer/event counter of the
HT48C50/HT48C70, is composed of two inter-
rupts, namely internal timer/event counter 0
interrupt and timer/event counter 1 interrupt.
The internal timer/event counter 0 interrupt is
initialized by setting the timer/event counter 0
interrupt request flag (T0F; bit 5 of INTC)
which is caused by a timer/event counter 0 over-
flow. After the interrupt is enabled, the stack is
not full, and the T0F bit is set, a subroutine call
to location 08H will occur. The related interrupt
request flag (T0F) will be reset and the EMI bit
be cleared to disable further interrupts. On the
other hand, the timer/event counter 1 interrupt
is operated in the same manner as the timer/
event counter 0. The related interrupt control
bits ET1I and T1F of the timer/event counter 1
are bit 3 and bit 6 of the INTC, respectively.
During the execution of an interrupt subroutine
of the four microcontrollers, other interrupt ac-
knowledgments are all held until the RETI in-
struction is executed or the EMI bit and the
related interrupt control bit are both set to 1
(when the stack is not full). To return from the
interrupt subroutine, the RET or RETI instruc-
tion may be invoked. The RETI will set the EMI
bit in order to enable an interrupt service
whereas the RET will not.
Interrupts that occur in an interval between the
rising edges of two consecutive T2 pulses are
serviced on the latter of the two T2 pulses if the
corresponding interrupts are enabled. In case of
simultaneous requests, the following table
shows the priority that is applied. These can be
masked by resetting the EMI bit.
No. Interrupt Source Priority Vector
a
External interrupt
1
04H
b
Timer/event
counter 0 overflow
208H
*c
Timer/event
counter 1 overflow
30CH
* Note: c applies only to the HT48C50/ HT48C70
HT48CXX/HT48RXX
19
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com