Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48C10 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT48C10
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C10 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT48C10 Datasheet HTML 38Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 39Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 40Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 41Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 42Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 43Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 44Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 45Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
RRA [m]
Rotate right-place result in the accumulator
Description
Data in the specified data memory is rotated one bit right with bit 0 rotated
into bit 7, leaving the rotated result in the accumulator. The contents of the
data memory remain unchanged.
Operation
ACC.(i)
← [m].(i+1); [m].i:bit i of the data memory (i=0-6)
ACC.7
← [m].0
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
–
––
–––
RRC [m]
Rotate data memory right through carry
Description
The contents of the specified data memory and the carry flag are together
rotated one bit right. Bit 0 replaces the carry bit; the original carry flag is
rotated into the bit 7 position.
Operation
[m].i
← [m].(i+1); [m].i:bit i of the data memory (i=0-6)
[m].7
← C
C
← [m].0
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
–
––
––
√
RRCA [m]
Rotate right through carry-place result in the accumulator
Description
Data of the specified data memory and the carry flag are rotated one bit right.
Bit 0 replaces the carry bit and the original carry flag is rotated into the bit
7 position. The rotated result is stored in the accumulator. The contents of
the data memory remain unchanged.
Operation
ACC.i
← [m].(i+1); [m].i:bit i of the data memory (i=0-6)
ACC.7
← C
C
← [m].0
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
–
––
––
√
HT48CXX/HT48RXX
42
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com