Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED8102S Datasheet(PDF) 5 Page - STMicroelectronics

Part # LED8102S
Description  8-channel LED driver with direct switch control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED8102S Datasheet(HTML) 5 Page - STMicroelectronics

  LED8102S Datasheet HTML 1Page - STMicroelectronics LED8102S Datasheet HTML 2Page - STMicroelectronics LED8102S Datasheet HTML 3Page - STMicroelectronics LED8102S Datasheet HTML 4Page - STMicroelectronics LED8102S Datasheet HTML 5Page - STMicroelectronics LED8102S Datasheet HTML 6Page - STMicroelectronics LED8102S Datasheet HTML 7Page - STMicroelectronics LED8102S Datasheet HTML 8Page - STMicroelectronics LED8102S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
4
Electrical characteristics
VDD = 5 V, Tj = 25 °C, REXT = 980 Ω, VO = 0.85 V unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
Supply voltage
3.0
-
5.5
V
VUVLO
UVLO threshold (rising)
2.7
2.9
UVLO threshold (falling)
2.1
2.3
HyUVLO
UVLO hysteresis
0.4
VO
Output voltage (1) (2)
OUT0 – OUT7
0.85
-
19
VIH
SWx / OE input voltage
0.8VDD
-
VDD
VIL
GND
-
0.2VDD
RUP
Pull-up resistor for OE pin
-
300
-
KΩ
RDW
Pull-down resistor for SWx pins
-
310
-
REXT
External current set-up resistance
0.19
-
3.9
IDD(OFF1)
Supply current (OFF)
OUT0 to 7 = OFF
-
7
8
mA
IDD(OFF2)
REXT = 190 Ω
OUT0 to 7 = OFF
-
14
16
IDD(ON)
Supply current (ON)
REXT = 190 Ω
VO = 1.4 V
OUT0 to 7 = ON
-
14
16
%/dVO
Output current vs. outputvoltage regulation (1) (3)
VO from 1 V to 3 V;
-
0.1
-
|%/V|
%/dVDD
Output current vs. supply voltage regulation (1) (4)
VDD from 3 V to 5.5 V
-
1
-
∆IOL
Output current precision: device to device (1)
VO = 0.3 V; REXT = 3.9 kΩ
-
-
±6
%
∆IOL1
Output current precision: channel to channel (1) (5)
VO = 0.7 V
-
±1.5
±4
%
∆IOL2
VO = 1.4 V; REXT = 190 Ω
-
±1.2
±4
IOleak
Single output leakage current
VO = 19 V OUTn = OFF
-
0.5
2
µA
Tsd
Thermal shutdown (6)
170
°C
Tsd_hys
Thermal shutdown hysteresis (6)
15
°C
1. Test with just one output ON.
2. Minimum regulation voltage @ IO = 50 mA.
3.
Δ %/V = Ion@Von3.0V − Ion@Von1.0V
Ion@Von=1.0V × 1003−1
4.
Δ %/V = Ion@VDD=5.5V − Ion@VDD=3.0V
Ion@VDD=3.0V × 1005.5−3.0
5. ((IOn – IOavg0-7)/ IOavg0-7) x 100.
6. Not tested in production.
LED8102S
Electrical characteristics
DS12963 - Rev 3
page 5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com