Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED8102S Datasheet(PDF) 19 Page - STMicroelectronics

Part # LED8102S
Description  8-channel LED driver with direct switch control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED8102S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LED8102S Datasheet HTML 12Page - STMicroelectronics LED8102S Datasheet HTML 13Page - STMicroelectronics LED8102S Datasheet HTML 14Page - STMicroelectronics LED8102S Datasheet HTML 15Page - STMicroelectronics LED8102S Datasheet HTML 16Page - STMicroelectronics LED8102S Datasheet HTML 17Page - STMicroelectronics LED8102S Datasheet HTML 18Page - STMicroelectronics LED8102S Datasheet HTML 19Page - STMicroelectronics LED8102S Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
List of figures
Figure 1.
Pinout for HTSSOP16 ............................................................... 2
Figure 2.
LED8102S simplified block diagram ..................................................... 3
Figure 3.
tON - tOFF time evaluation............................................................. 6
Figure 4.
tPLH - tPHL time evaluation ............................................................ 7
Figure 5.
OE Terminal ...................................................................... 8
Figure 6.
SWx Terminals .................................................................... 8
Figure 7.
Minimum Vheadroom vs. IOUT (TJ = 25 °C) ................................................. 10
Figure 8.
Typical application circuit ............................................................ 11
Figure 9.
Power dissipation rating vs ambient temperature (Rth = 37.5 °C/W; Tj = 125 °C) ..................... 12
Figure 10.
Junction temperature vs ambient temperature (Rth = 37.5°C/W; Pd = 1 W) .......................... 12
Figure 11.
HTSSOP16 exposed pad package outline ................................................ 14
Figure 12.
HTSSOP16 tape and reel outline ...................................................... 15
LED8102S
List of figures
DS12963 - Rev 3
page 19/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com