Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED8102S Datasheet(PDF) 6 Page - STMicroelectronics

Part # LED8102S
Description  8-channel LED driver with direct switch control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED8102S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LED8102S Datasheet HTML 2Page - STMicroelectronics LED8102S Datasheet HTML 3Page - STMicroelectronics LED8102S Datasheet HTML 4Page - STMicroelectronics LED8102S Datasheet HTML 5Page - STMicroelectronics LED8102S Datasheet HTML 6Page - STMicroelectronics LED8102S Datasheet HTML 7Page - STMicroelectronics LED8102S Datasheet HTML 8Page - STMicroelectronics LED8102S Datasheet HTML 9Page - STMicroelectronics LED8102S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
5
Switching characteristics
VDD = 5 V, Tj = 25 °C, IO = 50 mA, RL = 60 Ω, CL = 10 pF, VL = 5 V, unless otherwise specified.
Table 5. Switching characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tPLH1
SWx – OUTn
(OE just “0”)
Propagation delay time
(“L” to “H”)
VDD = 3.3 V
-
220
500
ns
VDD = 5 V
-
200
500
tPLH2
OE - OUTn
(SWx just “1”)
Propagation delay time
(“L” to “H”)
VDD = 3.3 V
-
90
250
VDD = 5 V
-
100
250
tPHL1
SWx – OUTn
(OE just “0”)
Propagation delay time
(“H” to “L”)
VDD = 3.3 V
-
100
250
VDD = 5 V
-
100
250
tPHL2
OE - OUTn
(SWx just “1”)
Propagation delay time
(“H” to “L”)
VDD = 3.3 V
-
220
500
VDD = 5 V
-
220
500
tON
OUTn Current rise time.
Evaluated as OUTn falling time
VDD = 3.3 V
-
430
600
VDD = 5 V
-
400
600
tOFF
OUTn current fall time.
Evaluated as OUTn rising time
VDD = 3.3 V
-
430
600
VDD = 5 V
-
400
600
Figure 3. tON - tOFF time evaluation
OUTn
IOUTn
90%
90%
10%
10%
tON
tOFF
OFF
ON
LED8102S
Switching characteristics
DS12963 - Rev 3
page 6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com