Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED8102S Datasheet(PDF) 9 Page - STMicroelectronics

Part # LED8102S
Description  8-channel LED driver with direct switch control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED8102S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LED8102S Datasheet HTML 5Page - STMicroelectronics LED8102S Datasheet HTML 6Page - STMicroelectronics LED8102S Datasheet HTML 7Page - STMicroelectronics LED8102S Datasheet HTML 8Page - STMicroelectronics LED8102S Datasheet HTML 9Page - STMicroelectronics LED8102S Datasheet HTML 10Page - STMicroelectronics LED8102S Datasheet HTML 11Page - STMicroelectronics LED8102S Datasheet HTML 12Page - STMicroelectronics LED8102S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
7
The switch output control
All switch inputs (SWx) are pulled down by a 300 kΩ. If the generic SWx pin is left floating or connected to GND
or polarized at low logic level, the corresponding outputs will be in OFF condition. If SWx pin is connected to VDD
or polarized at high logic level, the corresponding outputs will be in ON condition. See below the complete truth
table:
Table 6. Switches output control
Switch inputs
Outputs controlled (ON/OFF)
SW1
OUT0 and OUT1 simultaneously
SW2
OUT2 and OUT3 simultaneously
SW3
OUT4 and OUT5 simultaneously
SW4
OUT6 and OUT7 simultaneously
Table 7. Switches versus output truth table
SW4
SW3
SW2
SW1
OE
Out0
Out1
Out2
Out3
Out4
Out5
Out6
Out7
0
0
0
0
x
off
off
off
off
off
off
off
off
0
0
0
1
0
on
on
off
off
off
off
off
off
0
0
1
0
0
off
off
on
on
off
off
off
off
0
0
1
1
0
on
on
on
on
off
off
off
off
0
1
0
0
0
off
off
off
off
on
on
off
off
0
1
0
1
0
on
on
off
off
on
on
off
off
0
1
1
0
0
off
off
on
on
on
on
off
off
0
1
1
1
0
on
on
on
on
on
on
off
off
1
0
0
0
0
off
off
off
off
off
off
on
on
1
0
0
1
0
on
on
off
off
off
off
on
on
1
0
1
0
0
off
off
on
on
off
off
on
on
1
0
1
1
0
on
on
on
on
off
off
on
on
1
1
0
0
0
off
off
off
off
on
on
on
on
1
1
0
1
0
on
on
off
off
on
on
on
on
1
1
1
0
0
off
off
on
on
on
on
on
on
1
1
1
1
0
on
on
on
on
on
on
on
on
x
x
x
x
1
off
off
off
off
off
off
off
off
LED8102S
The switch output control
DS12963 - Rev 3
page 9/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com