Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED8102S Datasheet(PDF) 11 Page - STMicroelectronics

Part # LED8102S
Description  8-channel LED driver with direct switch control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED8102S Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LED8102S Datasheet HTML 7Page - STMicroelectronics LED8102S Datasheet HTML 8Page - STMicroelectronics LED8102S Datasheet HTML 9Page - STMicroelectronics LED8102S Datasheet HTML 10Page - STMicroelectronics LED8102S Datasheet HTML 11Page - STMicroelectronics LED8102S Datasheet HTML 12Page - STMicroelectronics LED8102S Datasheet HTML 13Page - STMicroelectronics LED8102S Datasheet HTML 14Page - STMicroelectronics LED8102S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
9
Typical application
Figure 8. Typical application circuit
Typical application circuit
The figure above shows a typical application schematic for ALED8102S, Cled value depends on common rail
voltage connection length and driver total output current, typically it is around 47 µF; Cin is about 1 µF; current
setting resistor depends on outputs current set (ex. with REXT = 386 Ω → IO ≈ 50 mA). The external programming
resistor between R-EXT and GND should be connected as close as possible to the device.
To have proper device functionality it is strongly suggested to follow a correct power-up sequence: VDD and VLED
power supplies must be provided simultaneously or at least, VDD must be connected before VLED to activate all
internal digital control blocks earlier than LEDs power supply. If VLED anticipates driver VDD, this could result in a
visible flash on connected LEDs (output stage undesired activation).
Device thermal management
The aim of this section is just to provide some recommendation that can be useful in designing the application
PCB for a better power dissipation:
•
To decrease the device working temperature it is necessary solder the package exposed pad to the board.
•
For better thermal performances at least a 4 layers (e.g. 2S2P) PCB should be used.
•
The copper area below the package thermal pad should be enlarged as much as possible also outside the
package perimeter (using the package sides without pins)
•
A reasonable number of vias must connect the copper area below the package to all available PCB layers
especially just below the device package (e.g. 3x3 or 4x3 vias array) but also outside package perimeter.
Smaller and closely spaced vias is a good solution. Best implementation is represented by copper filled vias.
•
On each inner layers a copper area must be provided for dissipation (wider it's better, if possible at least
4 times or more the package dimensions). A good condition is to have at least a power layer as an entire
copper area (e.g. GND layer)
•
Traces for pins connection must be enlarged as much as layout constrains allow
•
Several devices in power dissipation on the same board must be adequately spaced.
Figure 3 shows, once the maximum power dissipation is fixed, which ambient temperature range can be covered
according to maximum junction temperature and package thermal resistance: 37.5 °C/W for HTSSOP16 on Jedec
PCB (2S2P) and conditions. With same thermal resistance, figure 4 shows the junction temperature as a function
of ambient temperature considering 1 W of power dissipation.
LED8102S
Typical application
DS12963 - Rev 3
page 11/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com