Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS108-8TN Datasheet(PDF) 6 Page - STMicroelectronics

Part # ACS108-8TN
Description  Overvoltage protected AC switch (ACSTM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8TN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ACS108-8TN Datasheet HTML 2Page - STMicroelectronics ACS108-8TN Datasheet HTML 3Page - STMicroelectronics ACS108-8TN Datasheet HTML 4Page - STMicroelectronics ACS108-8TN Datasheet HTML 5Page - STMicroelectronics ACS108-8TN Datasheet HTML 6Page - STMicroelectronics ACS108-8TN Datasheet HTML 7Page - STMicroelectronics ACS108-8TN Datasheet HTML 8Page - STMicroelectronics ACS108-8TN Datasheet HTML 9Page - STMicroelectronics ACS108-8TN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Characteristics
ACS108-8TN
6/14
DocID029064 Rev 1
Figure 14: Relative variation of Leakage current
versus junction temperature
Figure 15: Thermal resistance junction to ambient
versus copper surface under tab
1.E-02
1.E-01
1.E+00
25
50
75
100
125
VDRM = VRRM = 800 V
Tj(°C)
IDRM/IRRM [Tj; VDRM/VRRM] / IDRM/IRRM[Tj = 125 °C; 800 V]
40
60
80
100
120
0
1
2
3
4
5
SOT-223
S
Cu(cm
2)
Rth(j-a)(°C/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com