Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS108-8TN Datasheet(PDF) 9 Page - STMicroelectronics

Part # ACS108-8TN
Description  Overvoltage protected AC switch (ACSTM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8TN Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ACS108-8TN Datasheet HTML 5Page - STMicroelectronics ACS108-8TN Datasheet HTML 6Page - STMicroelectronics ACS108-8TN Datasheet HTML 7Page - STMicroelectronics ACS108-8TN Datasheet HTML 8Page - STMicroelectronics ACS108-8TN Datasheet HTML 9Page - STMicroelectronics ACS108-8TN Datasheet HTML 10Page - STMicroelectronics ACS108-8TN Datasheet HTML 11Page - STMicroelectronics ACS108-8TN Datasheet HTML 12Page - STMicroelectronics ACS108-8TN Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ACS108-8TN
Alternating current mains switch - basic
application
DocID029064 Rev 1
9/14
2.1.2
Alternating current mains transient voltage ruggedness
The ACS108-8TN switch is able to withstand safely the AC mains transients either by
clamping the low energy spikes or by breaking-over when subjected to high energy shocks,
even with high turn-on current rises.
The test circuit shown in Figure 18 is representative of the final ACS108-8TN application,
and is also used to test the AC switch according to the IEC 61000-4-5 standard conditions.
Thanks to the load limiting the current, the ACS108-8TN switch withstands the voltage
spikes up to 2 kV above the peak mains voltage. The protection is based on an overvoltage
crowbar technology. Actually, the ACS108-8TN breaks over safely as shown in Figure 19.
The ACS108-8TN recovers its blocking voltage capability after the surge (switch off back at
the next zero crossing of the current).
Such non-repetitive tests can be done 10 times on each AC mains voltage polarity.
Figure 18: Overvoltage ruggedness test circuit for resistive and inductive loads, Tamb = 25 °C
(conditions equivalent to IEC 61000-4-5 standard)
R = 150 Ω, L = 5 μH, Vpp = 2 kV (Surge Generator), Rg = 220 Ω, AC mains = 230
VRMS 50 Hz, Cc
= 18 μF.
OUT
COM
GATE
Filtering unit
Rgenerator
Model of the load
L
R
Rg
Surge generator
Cc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com