Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS108-8TN Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACS108-8TN
Description  Overvoltage protected AC switch (ACSTM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8TN Datasheet(HTML) 3 Page - STMicroelectronics

  ACS108-8TN Datasheet HTML 1Page - STMicroelectronics ACS108-8TN Datasheet HTML 2Page - STMicroelectronics ACS108-8TN Datasheet HTML 3Page - STMicroelectronics ACS108-8TN Datasheet HTML 4Page - STMicroelectronics ACS108-8TN Datasheet HTML 5Page - STMicroelectronics ACS108-8TN Datasheet HTML 6Page - STMicroelectronics ACS108-8TN Datasheet HTML 7Page - STMicroelectronics ACS108-8TN Datasheet HTML 8Page - STMicroelectronics ACS108-8TN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ACS108-8TN
Characteristics
DocID029064 Rev 1
3/14
Table 4: Static electrical characteristics
Symbol
Test conditions
Value
Unit
VTM(1)
ITM = 1.1 A, tp = 380 µs
Tj = 25 °C
Max.
1.3
V
Vto
Threshold voltage
Tj = 125 °C
Max.
0.85
V
RD
Dynamic resistance
Tj = 125 °C
Max.
350
mΩ
IDRM
VOUT = VDRM = VRRM
Tj = 25 °C
Max.
2
µA
IRRM
Tj = 125 °C
0.2
mA
Notes:
(1)For both polarities
Table 5: Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-t)
Junction to tab (AC)
Max.
25
°C/W
Rth(j-a)
Junction to ambient (Scu = 5 cm2)
Typ.
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com