Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS108-8TN Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACS108-8TN
Description  Overvoltage protected AC switch (ACSTM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8TN Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ACS108-8TN Datasheet HTML 3Page - STMicroelectronics ACS108-8TN Datasheet HTML 4Page - STMicroelectronics ACS108-8TN Datasheet HTML 5Page - STMicroelectronics ACS108-8TN Datasheet HTML 6Page - STMicroelectronics ACS108-8TN Datasheet HTML 7Page - STMicroelectronics ACS108-8TN Datasheet HTML 8Page - STMicroelectronics ACS108-8TN Datasheet HTML 9Page - STMicroelectronics ACS108-8TN Datasheet HTML 10Page - STMicroelectronics ACS108-8TN Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ACS108-8TN
Alternating current mains switch - basic
application
DocID029064 Rev 1
7/14
2
Alternating current mains switch - basic application
The ACS108-8TN switch is triggered by a negative gate current flowing from the gate pin
G. The switch can be driven directly by the digital controller through a resistor as shown in
Figure 16: "Typical application schematic".
Thanks to its over-voltage protection and turn-off commutation performance, the
ACS108-8TN switch can drive a small power high inductive load with neither varistor nor
additional turn-off snubber.
Figure 16: Typical application schematic
2.1
Protection against overvoltage: the best choice is ACS
In comparison with standard Triacs the ACS108-8TN is overvoltage self-protected, as
specified by the new parameter VCL. This feature is useful in two operating conditions: in
case of turn-off of very inductive load, and in case of surge voltage that can occur on the
electrical network.
AC Mains
Rg
Vdd
Vss
OUT
COM
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com