Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS108-8TN Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACS108-8TN
Description  Overvoltage protected AC switch (ACSTM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8TN Datasheet(HTML) 2 Page - STMicroelectronics

  ACS108-8TN Datasheet HTML 1Page - STMicroelectronics ACS108-8TN Datasheet HTML 2Page - STMicroelectronics ACS108-8TN Datasheet HTML 3Page - STMicroelectronics ACS108-8TN Datasheet HTML 4Page - STMicroelectronics ACS108-8TN Datasheet HTML 5Page - STMicroelectronics ACS108-8TN Datasheet HTML 6Page - STMicroelectronics ACS108-8TN Datasheet HTML 7Page - STMicroelectronics ACS108-8TN Datasheet HTML 8Page - STMicroelectronics ACS108-8TN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Characteristics
ACS108-8TN
2/14
DocID029064 Rev 1
1
Characteristics
Table 2: Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180 ° conduction angle)
Ttab = 104 °C
0.8
A
ITSM
Non repetitive surge peak
on-state current
tp = 16.7 ms
Tj initial = 25 °C
13.7
A
tp = 20 ms
13
I2t
I2t value for fusing
tp = 10 ms
Tj = 25 °C
1.1
A2s
VRRM /
VDRM
Repetitive peak off-state voltage
Tj = 125 °C
800
V
dl/dt
Critical rate of rise of
on-state current
IG = 2 x IGT,
tr ≤ 100 ns
f = 120 Hz
100
A/µs
Vpp(1)
Non repetitive peak pulse line voltage
Tj = 25 °C
2
kV
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
1
A
VGM
Peak positive gate voltage
Tj = 125 °C
10
V
PG(AV)
Average gate power dissipation
Tj = 125 °C
0.1
W
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Maximum operating junction temperature range
-40 to +125
°C
Notes:
(1)According to test described by IEC 61000-4-5 standard and test per Figure 18 .
Table 3: Electrical characteristics (Tj = 25 °C unless otherwise specified)
Symbol
Test Conditions
Quadrant
Value
Unit
IGT(1)
VOUT = 12 V, RL
= 33 Ω
II - III
Max.
5
mA
VGT
II - III
Max.
1
V
VGD
VOUT = VDRM, RL
= 3.3 kΩ, Tj = 125 °C
II - III
Min.
0.15
V
IH
IT = 100 mA, gate open
Max.
10
mA
IL
IG = 1.2 x IGT
Max.
20
mA
dV/dt
VD = 402 V, gate open, Tj = 125 °C
Max.
600
V/µs
VD = 536 V, gate open, Tj = 125 °C
300
(dl/dt)c
(dl/dt)c < 15 V/µs, turn-
off time ≤ 20 ms, Tj = 125 °C
Min.
0.8
A/ms
VCL
ICL = 1 mA, tp = 1 ms, Tj = 125 °C
Min.
850
V
Notes:
(1)Minimum IGT is guaranteed at 10% of IGT max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com