Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55035STR1-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD55035STR1-E
Description  35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035STR1-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PD55035STR1-E Datasheet HTML 2Page - STMicroelectronics PD55035STR1-E Datasheet HTML 3Page - STMicroelectronics PD55035STR1-E Datasheet HTML 4Page - STMicroelectronics PD55035STR1-E Datasheet HTML 5Page - STMicroelectronics PD55035STR1-E Datasheet HTML 6Page - STMicroelectronics PD55035STR1-E Datasheet HTML 7Page - STMicroelectronics PD55035STR1-E Datasheet HTML 8Page - STMicroelectronics PD55035STR1-E Datasheet HTML 9Page - STMicroelectronics PD55035STR1-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Figure 8. Input return loss vs output power
-30
-25
-20
-15
-10
-5
0
0
10
20
30
40
50
Pout (W)
VDD =12.5 V
IDQ = 200 mA
500 MHz
480 MHz
520 MHz
GADG150220221203SA
Figure 9. Output power vs bias current
33
34
35
36
37
38
0
200
400
600
800
1000
Idq (mA)
VDD = 12.5 V
Pin = 0.72 W
500 MHz
480 MHz
520 MHz
GADG150220221205SA
Figure 10. Efficiency vs bias current
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Idq (mA)
VDD = 12.5 V
Pin = 0.72 W
500 MHz
480, 520 MHz
GADG150220221209SA
Figure 11. Output power vs supply voltage
0
10
20
30
40
50
60
6
8
10
12
14
16
18
Vdd (V)
VDD = 12.5 V
IDQ = 200 mA
Pin = 0.72 W
500 MHz
480 MHz
520 MHz
GADG150220221211SA
Figure 12. Efficiency vs supply voltage
0
10
20
30
40
50
60
70
80
6
8
10
12
14
16
18
Vdd (V)
IDQ = 200 mA
Pin = 0.72 W
500 MHz
480 MHz
520 MHz
GADG150220221216SA
Figure 13. Output power vs gate voltage
0
5
10
15
20
25
30
35
40
45
0
0.5
1
1.5
2
2.5
3
3.5
4
Vgs (V)
VDD = 12.5 V
Pin = 0.72 W
520
480 MHz
500
GADG150220221218SA
PD55035STR1-E
Typical performances
DS13938 - Rev 1
page 6/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com