Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55035STR1-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD55035STR1-E
Description  35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035STR1-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD55035STR1-E Datasheet HTML 4Page - STMicroelectronics PD55035STR1-E Datasheet HTML 5Page - STMicroelectronics PD55035STR1-E Datasheet HTML 6Page - STMicroelectronics PD55035STR1-E Datasheet HTML 7Page - STMicroelectronics PD55035STR1-E Datasheet HTML 8Page - STMicroelectronics PD55035STR1-E Datasheet HTML 9Page - STMicroelectronics PD55035STR1-E Datasheet HTML 10Page - STMicroelectronics PD55035STR1-E Datasheet HTML 11Page - STMicroelectronics PD55035STR1-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
6
Typical performances 175 MHz
Figure 15. Output power vs input power
GADG150220221341SA
0
5
10
15
20
25
30
35
40
45
0
0.2
0.4
0.6
0.8
1
1.2
Pin (W )
VDD
IDQ
= 12.5 V
= 200 mA
f = 175 MHz
Figure 16. Power gain vs output power
GADG160220220944SA
0
5
10
15
20
25
0
10
20
30
40
50
Pout (W )
VDD
IDQ
= 12.5 V
= 200 mA
f = 175 MHz
Figure 17. Efficiency vs output power
GADG160220220948SA
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
Pout (W )
VDD
IDQ
= 12.5 V
= 200 mA
f = 175 MHz
Figure 18. Input return loss vs output power
GADG160220221008SA
-25
-20
-15
-10
-5
0
0
10
20
30
40
50
Pout (W )
VDD
IDQ
= 12.5 V
= 200 mA
f = 175 MHz
PD55035STR1-E
Typical performances 175 MHz
DS13938 - Rev 1
page 8/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com