Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55035STR1-E Datasheet(PDF) 3 Page - STMicroelectronics

Part # PD55035STR1-E
Description  35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035STR1-E Datasheet(HTML) 3 Page - STMicroelectronics

  PD55035STR1-E Datasheet HTML 1Page - STMicroelectronics PD55035STR1-E Datasheet HTML 2Page - STMicroelectronics PD55035STR1-E Datasheet HTML 3Page - STMicroelectronics PD55035STR1-E Datasheet HTML 4Page - STMicroelectronics PD55035STR1-E Datasheet HTML 5Page - STMicroelectronics PD55035STR1-E Datasheet HTML 6Page - STMicroelectronics PD55035STR1-E Datasheet HTML 7Page - STMicroelectronics PD55035STR1-E Datasheet HTML 8Page - STMicroelectronics PD55035STR1-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2
Electrical characteristics
Table 3. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDSS
Zero gate voltage drain leakage
current
VGS = 0 V, VDS = 28 V
1
μA
IGSS
Gate-source leakage current
VGS = ±20 V, VDS = 0 V
±100
nA
VGS(Q)
Gate quiescent voltage
VDS = 28 V, ID = 100 mA
2.0
5.0
V
VGS(th)
Gate threshold voltage
ID = 250 μA
2.05
2.65
V
VDS(on)
Static drain-source on-voltage
VGS = 10 V, ID = 3 A
510
mV
GFS
Forward transconductance
VDS = 10 V, ID = 3 A
2.5
S
Ciss
Input capacitance
VDS = 12.5 V, f = 1 MHz, VGS = 0 V
92
pF
Coss
Output capacitance
73
Crss
Reverse transfer capacitance
6.1
Table 4. Gate threshold voltage range groups
Symbol
Parameter
Test conditions
Group
Min.
Max.
Unit
VGS(th)
Gate threshold voltage
ID = 250 μA
A
2.05
2.20
V
B
2.20
2.35
C
2.35
2.50
D
2.50
2.65
Note:
PD55035STR1-E is preselected in four groups of gate threshold voltage ranges as per table: the letter
identifying the group to which it belongs is printed on the label of the cardboard box.
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
POUT
Output power
VDD = 12.5 V, IDQ = 200 mA,
POUT = 35 W, f = 500 MHz
35
-
W
GPS
Power gain
13
16.9
-
dB
ηD
Drain efficiency
62
-
%
VSWR
Load mismatch
POUT = 35 W, all phases
20:1
-
Table 6. Moisture sensitivity level
Test methodology
Rating
J-STD-020B
MSL 3
PD55035STR1-E
Electrical characteristics
DS13938 - Rev 1
page 3/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com