Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55035STR1-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # PD55035STR1-E
Description  35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035STR1-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PD55035STR1-E Datasheet HTML 5Page - STMicroelectronics PD55035STR1-E Datasheet HTML 6Page - STMicroelectronics PD55035STR1-E Datasheet HTML 7Page - STMicroelectronics PD55035STR1-E Datasheet HTML 8Page - STMicroelectronics PD55035STR1-E Datasheet HTML 9Page - STMicroelectronics PD55035STR1-E Datasheet HTML 10Page - STMicroelectronics PD55035STR1-E Datasheet HTML 11Page - STMicroelectronics PD55035STR1-E Datasheet HTML 12Page - STMicroelectronics PD55035STR1-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
7
Test circuit 175 MHz
Figure 19. 175 MHz test circuit schematic (engineering)
GADG160220221105SA
Table 9. Test circuit component part list
Component
Description
C1,C6
10 μF electrolytic capacitor
C2,C5
0.1 μF chip capacitor
C3, C4
0.01 μF chip capacitor
C7, C8
1200 pF chip capacitor
C9, C16
1000 pF chip capacitor
C10
ARCO 406 trimmer capacitor
C11
62 pF chip capacitor
C12
15 pF chip capacitor
C13
20 pF chip capacitor
C14
75 pF chip capacitor
C15
Johanson 1-20 pF trimmer capacitor
R1
33 kΩ chip resistor
R2
18 Ω chip resistor
R3
27 Ω chip resistor
R4
47 Ω chip resistor
L1
5 turn, 16 AWG magnetwire, ID = 0.25”, inductor
FB1, FB2
Ferrite bead
Board
Roger, ultra lam 2000 THK 0.030”, εr = 2.55 2oz. ED Cu 2 sides
PD55035STR1-E
Test circuit 175 MHz
DS13938 - Rev 1
page 9/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com