Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH32F2601P/032PR Datasheet(PDF) 34 Page - SINOWEALTH Electronic Ltd

Part # SH32F2601P/032PR
Description  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH32F2601P/032PR Datasheet(HTML) 34 Page - SINOWEALTH Electronic Ltd

Back Button SH32F2601P/032PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 370 page
background image
SH32F2601
34
For the Flash main block, can only be programmed once, Each 16-bit or 32-bit data can be programmed when the value
of the address is 0x00. Otherwise the operation is aborted and the programming error flag PGERR@FLASH_SR bit is set.
If the sector of the main flash program block has been protected by the write protection bit, when the sector is operated,
the operation is aborted and the write protection error flag WRPRTERR @FLASH_SR bit is set.
8.3.3.6
EEPROM-like Memory Block Erasure Programming
EEPROM-like memory block erasure programming is similar to main program block sector erasure and programming. The
difference lies in flash unlock registers. The operation instruction words written to FLASH_CR register are different, and the
flag bits of the lock memory block are different.
8.3.3.7
OTP Block Programming
OTP block can only be programmed once, and it cannot be erased after programming. The programming of the OTP block
is similar to the programming of the main program block. The difference lies in flash unlock registers. The operation
instruction words written to FLASH_CR register are different, and the flag bits of the lock memory block are different.
8.3.3.8
Main Memory Block Protection
The main Flash memory can be protected against different types of unwanted access(read/write/erase). There are two
types of protection:
(1) Read Protection
Read protection is effective immediately after writing.
Read protection has three levels of protection: no read protection, low-level read protection, and high-level read protection.
No read protection: When the read protection byte is set to 0xA55A, read protection is not performed, and the read, write,
and erase operations on flash are not limited.
Low-level limit protection: When the read protection byte is set to a value other than 0xA55A and 0xC33C, the low-level
read protection becomes effective, and the read protection byte read at this time is 0xAAAA. In low-level read protection status,
the operation of indirectly accessing the flash main memory in debug mode is also prohibited.
When low-level read protection is active, the user code is only allowed to read the flash main program memory in
non-debug mode. In read protection status, the code executed in the flash main memory can program the flash to achieve
functions such as IAP or data storage. Under low-level protection, code can be loaded into the built-in RAM in debug mode
(SWD) and code instructions can be excuted to remove low-level read protection (full-chip erase), or Sinowealth tool (SWD)
can also be used to perfrom mass erase to relieve low-level read protection.
High-level read protection: High-level read protection is active when the read protection byte is set to 0xC33C. Under
high-level read protection, the debug function (SWD) is turned off.
(2) Write Protection
The write protection bit is used to protect against unwanted write operations.. Setting WRP[31:0] bits of the write protection
bytes can enable the protection for corresponding sector. SH32F2601 provides protection in units of 4 sectors.
If an erase/program operation to a write-protected part of the Flash memory is attempted (sector protected by write
protection bit), the write protection error flag (WRPRTERR) is set in the FLASH_SR register.
The following table shows the mapping of write protection bits to corresponding protected sectors.
Table8-5
Write Protection Mapping Table
WP bit
Protected Sector
WP[0]
Sector0 ~ Sector3
WP[1]
Sector4 ~ Sector7
WP[2]
Sector8 ~ Sector11
-
-
-
-
-
-
WP[14]
Sector56 ~ Sector59
WP[15]
Sector60 ~ Sector63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com