Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH32F2601P/032PR Datasheet(PDF) 67 Page - SINOWEALTH Electronic Ltd

Part # SH32F2601P/032PR
Description  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH32F2601P/032PR Datasheet(HTML) 67 Page - SINOWEALTH Electronic Ltd

Back Button SH32F2601P/032PR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 71Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 370 page
background image
SH32F2601
67
8
WWDTEN
Window watchdog clock enable
Set to ‘1’ or cleared by software
0: window watchdog clock is disabled
1: window watchdog clock is enabled
7
TWI0EN
TWI1 clock enable
Set to ‘1’ or cleared by software
0: TWI0 clock is disabled
1: TWI0 clock is enabled
6
SPI0EN
SPI1 clock enable
Set to ‘1’ or cleared by software
0: SPI0 clock is disabled
1: SPI0 clock is enabled
5
UART2EN
UART2 clock enable
Set to ‘1’ or cleared by software
0: UART2 clock is disabled
1: UART2 clock is enabled
4
UART1EN
UART1 clock enable
Set to ‘1’ or cleared by software
0: UART1 clock is disabled
1: UART1 clock is enabled
3
UART0EN
UART0 clock enable
Set to ‘1’ or cleared by software
0: UART0 clock is disabled
1: UART0 clock is enabled
2
QEIEN
QEI clock enable
Set to ‘1’ or cleared by software
0: QEI clock is disabled
1: QEI clock is enabled
1
TIM8EN
Timer 8 clock enable
Set to ‘1’ or cleared by software
0: timer 8 clock is disabled
1: timer 8 clock is enabled
0
TIM7EN
Timer 7 clock enable
Set to ‘1’ or cleared by software
0: timer 7 clock is disabled
1: timer 7 clock is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com