Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L4CD Datasheet(PDF) 10 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 6Page - STMicroelectronics VL53L4CD Datasheet HTML 7Page - STMicroelectronics VL53L4CD Datasheet HTML 8Page - STMicroelectronics VL53L4CD Datasheet HTML 9Page - STMicroelectronics VL53L4CD Datasheet HTML 10Page - STMicroelectronics VL53L4CD Datasheet HTML 11Page - STMicroelectronics VL53L4CD Datasheet HTML 12Page - STMicroelectronics VL53L4CD Datasheet HTML 13Page - STMicroelectronics VL53L4CD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
2.8
Ranging sequence
Figure 8. Ranging sequence
Note:
API in the figure above means application programmable interface.
Note:
ttiming_budget is a parameter set by the user, using a dedicated driver function.
2.9
Handshake management
Once a ranging measurement is available, an interrupt is generated. This is communicated to the host as a
physical signal on the GPIO1 pin, which is driven low, and the output of a driver function. The former operating
method is called “hardware interrupt”, and the latter is referred to as “polling mode”.
Once the host reads the result, the interrupt is cleared by the driver and the ranging sequence can continue. If the
interrupt is not cleared, the ranging operation inside the device is on hold. The interrupt behavior allows a good
synchronization between the device and the host, which avoids losing results if the host is not available to acquire
or process the data.
It is strongly recommended to use the hardware interrupt pin to manage this handshake.
For more details refer to VL53L4CD Ultra Lite Driver user manual.
VL53L4CD
Ranging sequence
DS13812 - Rev 5
page 10/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com