Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L4CD Datasheet(PDF) 18 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 14Page - STMicroelectronics VL53L4CD Datasheet HTML 15Page - STMicroelectronics VL53L4CD Datasheet HTML 16Page - STMicroelectronics VL53L4CD Datasheet HTML 17Page - STMicroelectronics VL53L4CD Datasheet HTML 18Page - STMicroelectronics VL53L4CD Datasheet HTML 19Page - STMicroelectronics VL53L4CD Datasheet HTML 20Page - STMicroelectronics VL53L4CD Datasheet HTML 21Page - STMicroelectronics VL53L4CD Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
5
Ranging performances
5.1
Measurement conditions
In all the measurement tables of this document, it is considered that:
All ranging performances are measured with the target covering the full FoV.
Charts used as targets are: gray (17% reflectance, N4.74 Munsell) and white (88% reflectance N9.5
Munsell).
Nominal voltage is 2.8 V and temperature is 23°C.
The device is controlled through the driver using the default settings (refer to the user manual for driver
settings description).
Indoor (no IR) means there is no contribution of light in the band 940 nm ± 30 nm
Outdoor overcast corresponds to an ambient light level of 10 kcps/SPAD. For reference, this corresponds to
a 1.2 W/m2 at 940 nm following the AM1.5G spectrum and is equivalent to 5 kLux daylight as reflected by a
gray 17% chart at 40 cm.
No cover glass is present.
Typical samples are used.
Offset correction made at 100 mm from sensor with gray 17% target.
5.2
Minimum ranging distance
The minimum detection distance is 0 mm. The minimum ranging distance with a linear response is 1 mm.
5.3
Maximum ranging distance
The following table shows the ranging specification for the VL53L4CD bare module, without cover glass, at room
temperature (23°C), with nominal voltage (2.8 V) and full FoV covered.
Table 14. Max. ranging capabilities with 33 ms timing budget
Target reflectance level, full FoV
(reflectance %)
Indoor
(detection rate %)
Outdoor overcast
(detection rate %)
White target (88%)
Typical: 1200 mm @ 90% min
Typical: 1300 mm @ 50% min
Typical: 550 mm @ 90% min
Typical: 600 mm @ 50% min
Gray target (17%)
Typical: 450 mm @ 90% min
Typical: 475 mm @ 50% min
Typical: 400 mm @ 90% min
Typical: 450 mm @ 50% min
Detection rate is a statistical value indicating the worst case percentage of measurements that return a valid
ranging. For example, taking 1000 measurements with 90% detection rate gives 900 valid distances. The 100
other distances may be outside of the specification and are flagged with an error status.
VL53L4CD
Ranging performances
DS13812 - Rev 5
page 18/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com