Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L4CD Datasheet(PDF) 30 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 26Page - STMicroelectronics VL53L4CD Datasheet HTML 27Page - STMicroelectronics VL53L4CD Datasheet HTML 28Page - STMicroelectronics VL53L4CD Datasheet HTML 29Page - STMicroelectronics VL53L4CD Datasheet HTML 30Page - STMicroelectronics VL53L4CD Datasheet HTML 31Page - STMicroelectronics VL53L4CD Datasheet HTML 32Page - STMicroelectronics VL53L4CD Datasheet HTML 33Page - STMicroelectronics VL53L4CD Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
9.6
Handling and storage precautions
9.6.1
Shock precaution
Sensor modules house numerous internal components that are susceptible to shock damage. If a unit is subject
to excessive shock, is dropped on the floor, or a tray/reel of units is dropped on the floor, it must be rejected, even
if no apparent damage is visible.
9.6.2
Part handling
Handling must be done with non-marring ESD safe carbon, plastic, or teflon tweezers. Ranging modules are
susceptible to damage or contamination. The customer is advised to use a clean assembly process after
removing the tape from the parts, and until a protective cover glass is mounted.
9.6.3
Compression force
A maximum compressive load of 25 N should be applied on the module.
9.6.4
Moisture sensitivity level
Moisture sensitivity is level 3 (MSL) as described in IPC/JEDEC JSTD-020-C.
9.7
Storage temperature conditions
Table 18. Recommended storage conditions
Parameter
Min.
Typ.
Max.
Unit
Temperature (storage)
-40
23
85
°C
VL53L4CD
Handling and storage precautions
DS13812 - Rev 5
page 30/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com