Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L4CD Datasheet(PDF) 12 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 8Page - STMicroelectronics VL53L4CD Datasheet HTML 9Page - STMicroelectronics VL53L4CD Datasheet HTML 10Page - STMicroelectronics VL53L4CD Datasheet HTML 11Page - STMicroelectronics VL53L4CD Datasheet HTML 12Page - STMicroelectronics VL53L4CD Datasheet HTML 13Page - STMicroelectronics VL53L4CD Datasheet HTML 14Page - STMicroelectronics VL53L4CD Datasheet HTML 15Page - STMicroelectronics VL53L4CD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Figure 11. Data format (write)
As data are received by the slave, they are written bit by bit to a serial/parallel register. After each data byte
has been received by the slave, an acknowledge is generated, the data are then stored in the internal register
addressed by the current index.
During a read message, the contents of the register addressed by the current index is read out in the byte
following the device address byte. The contents of this register are parallel loaded into the serial/parallel register
and clocked out of the device by the falling edge of SCL.
Figure 12. Data format (read)
S
As
ADDRESS[7:0]
INDEX[7:0]
As P
0x52 (write)
S
As
ADDRESS[7:0]
Am
DATA[7:0]
P
0x53 (read)
INDEX[15:8]
As
At the end of each byte, in both read and write message sequences, an acknowledge is issued by the receiving
device (that is, the VL53L4CD for a write, and the host for a read).
A message can only be terminated by the bus master, either by issuing a stop condition or by a negative
acknowledge (that is, not pulling the SDA line low) after reading a complete byte during a read operation.
The interface also supports auto increment indexing. After the first data byte has been transferred, the index is
automatically incremented by 1. The master can therefore send data bytes continuously to the slave until the
slave fails to provide an acknowledge or the master terminates the write communication with a stop condition. If
the auto increment feature is used the master does not have to send address indexes to accompany the data
bytes.
Figure 13. Data format (sequential write)
VL53L4CD
Control interface
DS13812 - Rev 5
page 12/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com