Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L4CD Datasheet(PDF) 16 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 12Page - STMicroelectronics VL53L4CD Datasheet HTML 13Page - STMicroelectronics VL53L4CD Datasheet HTML 14Page - STMicroelectronics VL53L4CD Datasheet HTML 15Page - STMicroelectronics VL53L4CD Datasheet HTML 16Page - STMicroelectronics VL53L4CD Datasheet HTML 17Page - STMicroelectronics VL53L4CD Datasheet HTML 18Page - STMicroelectronics VL53L4CD Datasheet HTML 19Page - STMicroelectronics VL53L4CD Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
4
Electrical characteristics
4.1
Absolute maximum ratings
Warning:
Stresses above those listed in the following table may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections of the specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 9. Absolute maximum ratings
Parameter
Min.
Typ.
Max.
Unit
AVDD
-0.5
-
3.6
V
SCL, SDA, XSHUT and GPIO1
4.2
Recommended operating conditions
There are no power supply sequencing requirements. The I/Os may be high, low or floating when AVDD is
applied. The I/Os are internally failsafe with no diode connecting them to AVDD.
Table 10. Recommended operating conditions
There are no power supply sequencing requirements. The I/Os may be high, low or floating when AVDD is applied. The I/Os are
internally failsafe with no diode connecting them to AVDD.
Parameter
Min.
Typ.
Max.
Unit
Voltage (AVDD)
2.6
2.8
3.5
V
IO (IOVDD) (1)
1.6
1.8/2.8
3.5
Ambient operating temperature
range without damage (2)
-30
—
85
°C
1. XSHUT should be high level only when AVDD is on
2. Performances described in the datasheet are given under 23°C ambient temperature
4.3
ESD
The VL53L4CD is compliant with electrostatic discharge (ESD) values presented in the following table.
Table 11. ESD performances
Parameter
Specification
Conditions
Human body model
JS-001-2012
± 2 kV, 1500 Ohms, 100 pF
Charged device model
JESD22-C101
± 500 V
VL53L4CD
Electrical characteristics
DS13812 - Rev 5
page 16/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com