Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1275 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA1275
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1275 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA1275 Datasheet HTML 2Page - STMicroelectronics STA1275 Datasheet HTML 3Page - STMicroelectronics STA1275 Datasheet HTML 4Page - STMicroelectronics STA1275 Datasheet HTML 5Page - STMicroelectronics STA1275 Datasheet HTML 6Page - STMicroelectronics STA1275 Datasheet HTML 7Page - STMicroelectronics STA1275 Datasheet HTML 8Page - STMicroelectronics STA1275 Datasheet HTML 9Page - STMicroelectronics STA1275 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 109 page
background image
Description
STA1295, STA1275
6/109
DS12586 Rev 5
1
Description
STA1275 and STA1295 are fully automotive, power efficient Systems-On-Chip, targeting
cost effective processing solution for modern Display Audio Systems.
They feature a powerful single or dual core Cortex® A7 processor (depending on the
versions), a high performance 3D GPU engine, a multi-format video decoder engine, a
multi-layer multi-format display controller, an audio DSP, a complete set of standard
connectivity interfaces and a dedicated ARM® Cortex® M3 controller for real-time CAN /
Vehicle Interface Processing.
Figure 1. Accordo5 block diagram
Vehicle IF
Processor
2xADC
DAC
ADC
Mic1
Mic2
AM/FM
HD/DAB/DRM
Tuner(s)
Analog
Aux IN
Digital
Accordo5
SDIO
USB
USB
Eth. AVB
WiFi
Module
USB Key/iPOD
Smartphone (Mirroring)
Camera/Telematics
DDR3L
NAND
CAN/CAN FD
Front Panel
TSC
RGB
LCD up to Full HD
Video Decoder
CVBS Camera
4-Channel
Amplifier
6 channels
(option)
Bluetooth HCI
RF
I2S
UART
VIP
Cortex A7 (Audio Decoding / Bluetooth
Stacks / Smartphone Mirroring)
Hardware Video Decoding
3D Graphics Engine
Audio DSP (Sound Effects / ECNR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com