Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1275 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STA1275
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1275 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STA1275 Datasheet HTML 96Page - STMicroelectronics STA1275 Datasheet HTML 97Page - STMicroelectronics STA1275 Datasheet HTML 98Page - STMicroelectronics STA1275 Datasheet HTML 99Page - STMicroelectronics STA1275 Datasheet HTML 100Page - STMicroelectronics STA1275 Datasheet HTML 101Page - STMicroelectronics STA1275 Datasheet HTML 102Page - STMicroelectronics STA1275 Datasheet HTML 103Page - STMicroelectronics STA1275 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 109 page
background image
Electrical characteristics
STA1295, STA1275
100/109
DS12586 Rev 5
4.14.7
Ethernet interface timing
The following tables provide the timings for the Ethernet interface.
In RGMII mode 1Gbit/sec speed, operation is double-data-rate.
In all other modes, the active clock edge (data launch and data capture) is the rising clock
edge.
Timings are provided taking the active edges at SoC side as reference.
Table 66. RGMII mode - 1Gbit/sec operation
Type
Symbol
Min Max Unit Load
Notes
Clock
CLK freq
—
125 MHz 10 pF
—
CLK period
8
—
ns
10 pF
CLK duty cycle
45
55
%
—
Input
TIS
1
—
ns
—
TIH
1
—
ns
—
Output Todly
-0.5
0.5
ns
10 pF
Data is launched in double data rate (on both of
the clock edges)
Table 67. RGMII mode - 100Mbit/sec operation
Type
Symbol
Min Max Unit Load
Notes
Clock
CLK freq
—
25
MHz 10 pF
—
CLK period
40
—
ns
10 pF
CLK duty cycle
40
60
%
—
Input
TIS
1
—
ns
—
TIH
1
—
ns
—
Output Todly
-0.5
0.5
ns
10 pF
Table 68. RGMII mode - 10Mbit/sec operation
Type
Symbol
Min Max Unit Load
Notes
Clock
CLK freq
—
2.5
MHz 10 pF
—
CLK period
400
—
ns
10 pF
CLK duty cycle
40
60
%
—
Input
TIS
1
—
ns
—
TIH
1
—
ns
—
Output Todly
-0.5
0.5
ns
10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com