Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1275 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STA1275
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1275 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STA1275 Datasheet HTML 97Page - STMicroelectronics STA1275 Datasheet HTML 98Page - STMicroelectronics STA1275 Datasheet HTML 99Page - STMicroelectronics STA1275 Datasheet HTML 100Page - STMicroelectronics STA1275 Datasheet HTML 101Page - STMicroelectronics STA1275 Datasheet HTML 102Page - STMicroelectronics STA1275 Datasheet HTML 103Page - STMicroelectronics STA1275 Datasheet HTML 104Page - STMicroelectronics STA1275 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 109 page
background image
DS12586 Rev 5
101/109
STA1295, STA1275
Electrical characteristics
106
4.14.8
MSP (I2S) interface timing
The following tables provide the timings for MSP interface.
Opposite edge data capture protocol should be used for both master and slave modes.
All timings are given with regards to the active clock edge (capturing edge for input and
launching edge for output).
Table 69. RGMII mode
Type
Symbol
Min Max Unit Load
Notes
Clock
CLK freq
—
50
MHz 10 pF
—
CLK period
20
—
ns
10 pF
CLK duty cycle
40
60
%
—
Input
TIS
2
—
ns
—
TIH
2
—
ns
—
Output Todly
2
10
ns
10 pF
Table 70. MSP2 - Master
Type
Symbol
Min Max Unit Load
Notes
Clock
CLK freq
—
12.5 MHz 25 pF
—
CLK period
80
—
ns
25 pF
CLK duty cycle
40
60
%
—
Input
TIS
18
—
ns
—
TIH
0
—
ns
—
Output Todly
-0.5
2
ns
25 pF
Table 71. MSP0 - Master
Type
Symbol
Min Max Unit Load
Notes
Clock
CLK freq
—
12.5 MHz 25 pF
—
CLK period
80
—
ns
25 pF
CLK duty cycle
40
60
%
—
Input
TIS
12
—
ns
—
TIH
0
—
ns
—
Output Todly
-0.5
2
ns
25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com