Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1275 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STA1275
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1275 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STA1275 Datasheet HTML 98Page - STMicroelectronics STA1275 Datasheet HTML 99Page - STMicroelectronics STA1275 Datasheet HTML 100Page - STMicroelectronics STA1275 Datasheet HTML 101Page - STMicroelectronics STA1275 Datasheet HTML 102Page - STMicroelectronics STA1275 Datasheet HTML 103Page - STMicroelectronics STA1275 Datasheet HTML 104Page - STMicroelectronics STA1275 Datasheet HTML 105Page - STMicroelectronics STA1275 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 109 page
background image
Electrical characteristics
STA1295, STA1275
102/109
DS12586 Rev 5
Table 72. MSP2 - Slave
Type
Symbol
Min Max Unit Load
Notes
Clock
CLK freq
—
12.5 MHz 25 pF
—
CLK period
80
—
ns
25 pF
CLK duty cycle
40
60
%
—
Input
TIS
7
—
ns
—
TIH
4
—
ns
—
Output Todly
0
12
ns
25 pF
Table 73. MSP0 - Slave
Type
Symbol
Min Max Unit Load
Notes
Clock
CLK freq
—
12.5 MHz 25 pF
—
CLK period
80
—
ns
25 pF
CLK duty cycle
40
60
%
—
Input
TIS
4
—
ns
—
TIH
4
—
ns
—
Output Todly
0
11
ns
25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com