Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1275 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA1275
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1275 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA1275 Datasheet HTML 4Page - STMicroelectronics STA1275 Datasheet HTML 5Page - STMicroelectronics STA1275 Datasheet HTML 6Page - STMicroelectronics STA1275 Datasheet HTML 7Page - STMicroelectronics STA1275 Datasheet HTML 8Page - STMicroelectronics STA1275 Datasheet HTML 9Page - STMicroelectronics STA1275 Datasheet HTML 10Page - STMicroelectronics STA1275 Datasheet HTML 11Page - STMicroelectronics STA1275 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
System description
STA1295, STA1275
8/109
DS12586 Rev 5
2.3
SD/MMC
STA1275 and STA1295 are equipped with 3 SDMMC controllers which allow interfacing to
either mass storage devices, or to WiFi modems.
Two interfaces (SD/MMC1 and 2) implement the following specification:
•
eMMC - MultiMedia Card 4.4
–
26/52 MHz
–
1, 4, 8 bit of data
•
SD/SDIO 3.0
–
4 bit interface
–
SDSC/SDHC/SDXC limited to 50 MHz SDR frequency
Both interfaces can be used in conjunction with DMA to efficiently implement data transfer
with minimal CPU load for handling interrupts.
A third controller (SD/MMCM0) with dedicated DMA engine implementing:
•
eMMC - MultiMedia Card 4.51
–
26/52 MHz
–
1, 4, 8 bit of data
•
SD/SDIO 3.0
–
4 bit interface
–
SDSC/SDHC/SDXC up to SDR50
2.4
USB
STA1275 and STA1295 have two Dual role USB HS controllers, both with embedded PHY,
allowing to efficiently connect to mass storage devices, as well as portable devices (phones,
pads). Along with USB connectivity, STA1275 and STA1295 fully support USB charger
functionality, implementing CDP and SDP profiles from the BC 1.2 specifications. The
controller supports HS 480-Mbps using an EHCI Host Controller, as well as FS and LS
modes through an integrated OHCI interface.
USB controller implements a bootable interface, useful for production flashing, as well as to
debug system post production.
2.5
Display controller
Display controller works simultaneously on multiple layers (up to 4), allowing an on-the-fly
blending composition scheme from multiple frame buffers. Each buffer can have a different
color format, and with each buffer user can specify cropping regions (windowing). A typical
usage example is for blending a complex HMI rendered with 3D engine, on top of a video
frame buffer and a rear-view camera buffer.
The controller can handle two symmetric display panels (only in WVGA mode), sharing the
same data lane, with two separate frame buffer contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com